Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 4 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 4 Page - Texas Instruments

  REF200AP Datasheet HTML 1Page - Texas Instruments REF200AP Datasheet HTML 2Page - Texas Instruments REF200AP Datasheet HTML 3Page - Texas Instruments REF200AP Datasheet HTML 4Page - Texas Instruments REF200AP Datasheet HTML 5Page - Texas Instruments REF200AP Datasheet HTML 6Page - Texas Instruments REF200AP Datasheet HTML 7Page - Texas Instruments REF200AP Datasheet HTML 8Page - Texas Instruments REF200AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Applied voltage
–6
40
V
Reverse current
–350
µA
Voltage between any two sections
±80
V
Operating temperature
–40
85
°C
Tstg
Storage temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(1)
±750
V
(1)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCOMP
Compliance voltage
2.5
40
V
TA
Specified temperature range
–25
85
°C
6.4 Electrical Characteristics
at TA = 25°C, VS = 15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCES
Current accuracy
±0.25%
±1%
Current match
±0.25%
±1%
Temperature drift
Specified temperature range
25
ppm/°C
2.5 V to 40 V
20
100
Output impedance
M
Ω
3.5 V to 30 V
200
500
BW = 0.1 Hz to 10 Hz
1
nAp-p
Noise
f = 10 kHz
20
pA/
√Hz
Voltage compliance (1%)
TMIN to TMAX
See Typical Characteristics
Capacitance
10
pF
CURRENT MIRROR – I = 100 µA unless otherwise noted
Gain
0.995
1
1.005
Temperature drift
25
ppm/°C
Impedance (output)
2 V to 40 V
40
100
M
Ω
Nonlinearity
I = 0 µA to 250 µA
0.05%
Input voltage
1.4
V
Output compliance voltage
See Typical Characteristics
Frequency response (–3 dB)
Transfer
5
MHz
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com