Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 6 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 2Page - Texas Instruments REF200AP Datasheet HTML 3Page - Texas Instruments REF200AP Datasheet HTML 4Page - Texas Instruments REF200AP Datasheet HTML 5Page - Texas Instruments REF200AP Datasheet HTML 6Page - Texas Instruments REF200AP Datasheet HTML 7Page - Texas Instruments REF200AP Datasheet HTML 8Page - Texas Instruments REF200AP Datasheet HTML 9Page - Texas Instruments REF200AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
0
1µA
10µA
100µA
1mA
10mA
Current
4
3
2
1
Input Voltage
Output
Compliance
Voltage
5
4
3
2
1
0
–1
–2
–3
–4
–5
10µA
100µA
1mA
Mirror Current (A)
V =
1.25V
V = 1V
V = 1.5V
O
O
O
0
0.1
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.01
Current (µA)
50
100
150
200
250
Data from Three
Representative Units
(Least-square fit)
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VS = 15 V (unless otherwise noted)
Figure 8. Mirror Transfer Nonlinearity
Figure 7. Mirror Gain Error vs Current
Figure 9. Mirror Input Voltage and Output Compliance Voltage vs Current
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com