Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 16 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 12Page - Texas Instruments REF200AP Datasheet HTML 13Page - Texas Instruments REF200AP Datasheet HTML 14Page - Texas Instruments REF200AP Datasheet HTML 15Page - Texas Instruments REF200AP Datasheet HTML 16Page - Texas Instruments REF200AP Datasheet HTML 17Page - Texas Instruments REF200AP Datasheet HTML 18Page - Texas Instruments REF200AP Datasheet HTML 19Page - Texas Instruments REF200AP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
R
100 µA
Reference
–V
100 µA
S
R
2
0.01 µF
R
(N • R )
2
1
I
= N • 100 µA
OUT
(1)
R
(N • R )
2
1
I
= N • 100 µA
OUT
(1)
100 µA
0.01 µF
R
2
+V
S
+V
100 µA
S
OPA602
0.01 µF
NR
I = (N +1) 100 µA
O
R
0.01 µF
NR
I = (N +1) 100 µA
O
R
100 µA
OPA602
0.01 µF
NR
I = (N +1) 100 µA
O
10 pF
(a)
(b)
(d)
(c)
(e)
–V
S
OPA602
R
NR
I
OUT
1 k
4 k
500 A
1 k
9 k
1 mA
100 k
9.9 k
10 mA
EXAMPLES
FEATURES:
(1) Zero volts shunt compliance.
(2) Adjustable only to values above
reference value.
NOTE:
Current source/sink swing to the
Load Return
rail is limited only
by the op amp's input common
mode range and output swing
capability. Voltage drop across R
can be tailored for any amplifier to
allow swing to zero volts from rail.
NOTE: (1) OPA602 or OPA128
EXAMPLES
R
R
I
1
2
OUT
100
10 M
1 nA
10 k
1 M
1 A
10 k
1 k
1 mA
Use OPA128
I = 100 A (N + 1). Compliance » 3.5 V
O
with 0.1 V across R. Max I limited by FET.
O
For I = 1 A, R = 0.1
, NR = 1 k .
O
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
System Examples (continued)
Figure 25. Adjustable Current Sources
16
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com