Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 1 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 1 Page - Texas Instruments

  REF200AP Datasheet HTML 1Page - Texas Instruments REF200AP Datasheet HTML 2Page - Texas Instruments REF200AP Datasheet HTML 3Page - Texas Instruments REF200AP Datasheet HTML 4Page - Texas Instruments REF200AP Datasheet HTML 5Page - Texas Instruments REF200AP Datasheet HTML 6Page - Texas Instruments REF200AP Datasheet HTML 7Page - Texas Instruments REF200AP Datasheet HTML 8Page - Texas Instruments REF200AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
I
High
I
High
Substrate
Mirror
In
I
Low
I
Low
Mirror
Out
Mirror
Common
1
2
1
2
8
7
6
5
1
2
3
4
100µA
100µA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
REF200 Dual Current Source and Current Sink
1 Features
3 Description
The REF200 combines three circuit building-blocks
1
Completely Floating: No Power Supply or Ground
on a single monolithic chip: two 100-µA current
Connections
sources and a current mirror. The sections are
High Accuracy: 100 µA ±0.5%
dielectrically
isolated,
making
them
completely
Low Temperature Coefficient: ±25 ppm/°C
independent. Also, because the current sources are
two-terminal devices, they can be used equally well
Wide Voltage Compliance: 2.5 V to 40 V
as current sinks. The performance of each section is
Includes Current Mirror
individually measured and laser-trimmed to achieve
high accuracy at low cost.
2 Applications
The sections can be pin-strapped for currents of 50
Sensor Excitation
µA, 100 µA, 200 µA, 300 µA, or 400 µA. External
Biasing Circuitry
circuitry can obtain virtually any current. These and
many other circuit techniques are shown in the
Offsetting Current Loops
Application Information section of this data sheet.
Low Voltage References
The REF200 is available in an SOIC package.
Charge-pump Circuitry
Hybrid Microcircuits
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF200
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the package addendum at the
end of the data sheet.
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF200AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200AP BURR-BROWN-REF200AP Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200AP BURR-BROWN-REF200AP Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
More results

Similar Description - REF200AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Texas Instruments
LP2996MRX-NOPB TI-LP2996MRX-NOPB Datasheet
1Mb / 26P
Source and Sink Current, Low Output Voltage Offset
REF200 TI-REF200_15 Datasheet
1Mb / 34P
REF200 Dual Current Source and Current Sink
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
7A Sink/3A Source Current
Rev 1; 1/15
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com