Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 11 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 7Page - Texas Instruments REF200AP Datasheet HTML 8Page - Texas Instruments REF200AP Datasheet HTML 9Page - Texas Instruments REF200AP Datasheet HTML 10Page - Texas Instruments REF200AP Datasheet HTML 11Page - Texas Instruments REF200AP Datasheet HTML 12Page - Texas Instruments REF200AP Datasheet HTML 13Page - Texas Instruments REF200AP Datasheet HTML 14Page - Texas Instruments REF200AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
100µA
REF200
+5V
100µA
+5V
R3 78.7
INA326
VOUT
R1
R1
148
Ÿ@
150C
14.8mV
+
4.84V
+2mV-
+
-
PCB
3 Wire
RTD
Large Lead R
300m
10
Ÿ
-1mV+
-
14.8mV
+
-
10
Ÿ
- 1mV+
10
Ÿ
100µA
REF200
+5V
100µA
3 Wire
RTD
+5V
R3 78.7
INA326
VOUT
R1
R1
148
Ÿ@
150C
14.8mV
+
+
6.93mV
4.84V
G = 2(R2/R1)
- 7.87mV +
200µA
+
-
-
-
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
Figure 13. RTD Amplifier with Maximum Output Condition
8.2.2.1 Lead Resistance Cancelation (3-Wire RTD)
Figure 14 shows the 3-wire RTD configuration can be used to cancel lead resistance. The resistance in each
lead must be equal to cancel the error. Also, the two current sources in the REF200 must be equal. Notice that
the voltage developed on the two top leads of the RTD are equal and opposite polarity so that the amplifiers
input is only from the RTD voltage. In this example, the RTD drop is 14.8 mV and the leads each have 1 mV.
Notice that the 1 mV drops cancel. Finally, notice that the voltage on the 3rd lead (2 mV) creates a small shift in
the common mode voltage. In some applications, a larger resistor is intentionally added to shift the common-
mode voltage. However, the INA326 has a rail-to-rail common mode range, so it can accept common-mode
voltages near ground.
Figure 14. 3-Wire RTD Configuration Cancels Lead Resistance
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com