Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 10 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 6Page - Texas Instruments REF200AP Datasheet HTML 7Page - Texas Instruments REF200AP Datasheet HTML 8Page - Texas Instruments REF200AP Datasheet HTML 9Page - Texas Instruments REF200AP Datasheet HTML 10Page - Texas Instruments REF200AP Datasheet HTML 11Page - Texas Instruments REF200AP Datasheet HTML 12Page - Texas Instruments REF200AP Datasheet HTML 13Page - Texas Instruments REF200AP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
100µA
REF200
+5V
100µA
3 Wire
RTD
+5V
R3 78.7
INA326
VOUT
R1
R1
80.3
Ÿ@
-50C
8.03mV
+
+
160µ V
0.111V
G = 2(R2/R1)
- 7.87mV +
+
200µA
-
-
-
REF200
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
The design requirements are as follows:
•
Supply Voltage: 5 V
•
RTD temperature range: –50°C to +125°C
•
RTD resistance range 80.3
Ω to 147.9 Ω
•
Output: 0.1 V to 4.9 V
The design goals and performance are summarized in Table 1. Figure 15 depicts the measured transfer function
of the design.
Table 1. Comparison of Design Goals, Calculations, Simulation, and Measured Performance
VOUT
RTD
GOAL
CALCULATED
SIMULATED
MEASURED
VOUT maximum scale
80.3
Ω
0.1 V
0.112 V
0.117 V
0.11 3 V
VOUT minimum scale
142.9
Ω
4.9 V
4.83 V
4.82 V
4.862 V
8.2.2 Detailed Design Procedure
Figure 12 and Figure 13 shows the schematic of the RTD amplifier for minimum and maximum output conditions.
This circuit was designed for a –50°C to 150°C RTD temperature range. At –50°C the RTD resistance is 80.3
Ω
and the voltage across it is 8.03 mV (VRTD = (100 μA) (80.3 Ω), see Figure 2). Notice that R3 develops a voltage
drop that opposes the RTD drop. The drop across R3 is used to shift amplifiers input differential voltage to a
minimum level. The output is the differential input multiplied by the gain (Vout = 698
∙ 160 μV = 0.111 V). At
150°C, the RTD resistance is 148
Ω and the voltage across it is 14. 8 mV (VRTD = (100 μA × 148 Ω ). This
produces a differential input of 6.93 mV and an output voltage of 4.84 V (VOUT = 698 ∙ 6.93 mV = 4.84 V , see
Figure 13). For more detailed design procedures and results, refer to the reference guide, RTD to Voltage
Reference Design Using Instrumentation Amplifier and Current Reference (TIDU969).
Figure 12. RTD Amplifier with Minimum Output Condition
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com