Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 8 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 8 Page - ams AG

Back Button AS1382 Datasheet HTML 4Page - ams AG AS1382 Datasheet HTML 5Page - ams AG AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-04] 2015-Jun-19
AS1382 − Detailed Description
The step-down converter is a high efficiency fixed frequency
current mode regulator. By using low resistance internal PMOS
and NMOS switches efficiency up to 96% can be achieved. The
fast switching frequency allows using small inductors, without
increasing the current ripple. The unique feedback and
regulation circuit guarantees optimum load and line regulation
over the whole output voltage range, up to an output current
of 1A with an output capacitor of only 10
µF. The implemented
current limitation protects the DCDC and the coil during
overload condition.
Mode Settings
Low-Ripple, Low-Noise Operation
MODE pin = high
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As result, the ON time of the PMOS
will be reduced down to tmin_on at no or light load conditions,
even if the coil current is very small or the coil current is
inverted. This results in a very low ripple and noise, but
decreased efficiency, at light loads, especially at low input to
output voltage differences. Because of the inverted coil current
in that case the regulator will not operate in pulse skip mode.
Figure 10:
AS1382 Low Noise Mode
DC/DC Buck Burst Mode: Shows the DC/DC switching waveforms for low noise operation
Detailed Description
VOUT (50mV/div)
LX (2V/div)
coil current (200mA/div)
time (5us/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com