Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 11 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 11 Page - ams AG

Back Button AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG AS1382 Datasheet HTML 14Page - ams AG AS1382 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ams Datasheet
Page 11
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Application Information
Ceramic Input and Output Capacitors
When choosing ceramic capacitors for CIN and COUT, the X5R or
X7R dielectric formulations are recommended. These
dielectrics have the best temperature and voltage
characteristics for a given value and size. Y5V and Z5U dielectric
capacitors, aside from their wide variation in capacitance over
temperature, become resistive at high frequencies and
therefore should not be used.
Figure 14:
Recommended Input and Output Capacitors
Because ceramic capacitors lose a lot of their initial capacitance
at their maximum rated voltage, it is recommended that either
a higher input capacity or a capacitance with a higher rated
voltage is used.
Feedback Resistor Selection
In the AS1382-AD, the output voltage is set by an external
resistor divider connected to FB. This circuitry allows for remote
voltage sensing and adjustment.
Figure 15:
Adjustable Variant
AS1382-AD: Shows the application diagram for the adjustable output version with the external resistor divider
Part Number
C
TC
Code
Voltage
Rating
Dimensions
(L/W/H)
Manufacturer
GRM21BR61E475KA12L 
4.7uF
X5R
25V
0805
www.murata.com
GRM219R60J106KE19D
10uF
X5R
6.3V
0805
www.murata.com
SW
FB
GND
1uH
10uF
0.58V ≤ VOUT ≤ 3.35V
COUT
R1
R2
AS1382-AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com