Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 5 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 5 Page - ams AG

  AS1382 Datasheet HTML 1Page - ams AG AS1382 Datasheet HTML 2Page - ams AG AS1382 Datasheet HTML 3Page - ams AG AS1382 Datasheet HTML 4Page - ams AG AS1382 Datasheet HTML 5Page - ams AG AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ams Datasheet
Page 5
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input Voltage
Pin VIN
2.7
5.5
V
ISUP_DCDC
Current Consumption
Operating Current
without Load
95
uA
Shutdown Current
0.04
IFB
Feedback Current
TAMB = 25°C
130
nA
VFB
Feedback Voltage
ADJ variant
0.56
0.58
0.60
V
VOUT
Regulated Output Voltage
Fixed VOUT variant
0.6125
3.35
V
ADJ variant
0.58
3.35
V
VOUT_TOL
Output Voltage Tolerance
Fixed output variants,
min. 40mV
-3
3
%
ηEFF
Efficiency
see figures below
96
%
LNR
Output Voltage Line Regulation
Vin = 2.7V to 5.5V
0.1
%/V
LDR
Output Voltage Load Regulation
IOUT = 0 to 100mA
0.02
%/mA
ILIMIT
Peak Coil Current
IOUT = 1A
1.5
A
ILOAD
Load Current
VOUT ≤ 1.8V
01
A
VOUT > 1.8V
00.7
A
IT_COMP
Min load to guarantee correct
output voltage in high temp
20
uA
RPMOS
P-Channel FET RDS(ON)
ILSW = 100mA
0.25
0.55
Ω
RNMOS
N-Channel FET RDS(ON)
ILSW = -100mA
0.25
0.55
Ω
VIH
Logic in threshold
pin EN, MODE
1.2
V
VIL
0.4
V
fSW
Switching Frequency
Variant A
4
MHz
Variant B
3
MHz
Variant C
2
MHz
TSHDN
Thermal Shutdown
160
°C
ΔTSHDN
Thermal Shutdown Hysteresis
25
°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com