Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 9 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 9 Page - ams AG

Back Button AS1382 Datasheet HTML 5Page - ams AG AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ams Datasheet
Page 9
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Detailed Description
High-Efficiency Operation
MODE pin = low
In this mode there is a minimum coil current necessary before
switching OFF the PMOS. As result there are less pulses at low
output load necessary, and therefore the efficiency at low
output load is increased. This results in higher ripple, and noisy
pulse skip operation up to a higher output current.
Figure 11:
AS1382 High Efficiency Mode
DC/DC Buck Burst Mode: Shows the DC/DC switching waveforms for high efficiency operation
It is also possible to switch between these two modes during
operation.
For Example:
MODE pin = low: System is in idle state. No audio, RF signal.
Decreased supply current preferred. Increased ripple doesn’t
affect system performance.
MODE pin = high: System is operating. Audio signal on and/or
RF signal used. Decreased ripple and noise preferred. Increased
power supply current can be tolerated.
VOUT (50mV/div)
LX (2V/div)
coil current (200mA/div)
time (20us/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com