Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 3 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 3 Page - ams AG

  AS1382 Datasheet HTML 1Page - ams AG AS1382 Datasheet HTML 2Page - ams AG AS1382 Datasheet HTML 3Page - ams AG AS1382 Datasheet HTML 4Page - ams AG AS1382 Datasheet HTML 5Page - ams AG AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ams Datasheet
Page 3
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Pin Assignments
Figure 3:
6 Balls WL-CSP with 0.4mm Pitch
Figure 4:
Pin Description
Pin Description: Shows the pin number, type, name and description of every pin.
Note(s) and/or Footnote(s):
1. This pin should not be left floating.
Ball Assignments: Shows the TOP view
ball assignment of the AS1382.
Pin #
Pin Name
Pin Type
Description
A1
MODE
DIG IN
Mode Selection
B1
SW
DIG OUT
Switch Node Connection to Coil. This pin connects to the drains of
the internal synchronous power MOSFET switches.
C1
FB
ANA IN
Feedback Pin. This pin receives the feedback voltage from the
external resistor divider across the output. (Adjustable variant only)
Output Voltage Feedback Pin. An internal resistor divider steps the
output voltage down for comparison to the internal reference
voltage. (Fixed voltage variants only)
A2
VIN
SUP IN
Input Supply Voltage. This pin must be closely de-coupled to GND
with a ≥ 4.7uF ceramic capacitor. Connect to any supply voltage
between 2.7V to 5.5V. (1)
B2
EN
DIG IN
Enable Input. Driving this pin above 1.2V enables the device. Driving
this pin below 0.4V puts the device in shutdown mode. In shutdown
mode all functions are disabled while SW goes high impedance,
drawing < 1μA supply current. (1)
C2
GND
GND
Ground
Pin Assignments
A2
VIN
C1
FB
C2
GND
B2
EN
B1
SW
A1
MODE
Pin A1
indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com