Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 1 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 1 Page - ams AG

  AS1382 Datasheet HTML 1Page - ams AG AS1382 Datasheet HTML 2Page - ams AG AS1382 Datasheet HTML 3Page - ams AG AS1382 Datasheet HTML 4Page - ams AG AS1382 Datasheet HTML 5Page - ams AG AS1382 Datasheet HTML 6Page - ams AG AS1382 Datasheet HTML 7Page - ams AG AS1382 Datasheet HTML 8Page - ams AG AS1382 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ams Datasheet
Page 1
[v1-04] 2015-Jun-19
Document Feedback
AS1382
1A, High Efficiency, DC-DC Step Down
Converter
The AS1382 is a high-efficiency, constant-frequency
synchronous buck converter available in adjustabe- and
fixed-voltage versions. The wide input voltage range (2.7V to
5.5V), automatic powersave mode and minimal external
component requirements make the AS1382 perfect for any
single Li-Ion battery-powered application.
Typical supply current with no load is 95μA and decreases to
0.04μA in shutdown mode.
An internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. The
internally fixed switching frequency (2MHz, 3MHz or 4MHz)
allows the usage of small surface mount external components.
Very low output voltages can be delivered with the internal
0.58V feedback reference voltage.
The AS1382 is available in a 6-pin WL-CSP package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS1382
Applications
The device is ideal for mobile communication devices, laptops
and PDAs, ultra-low-power systems, medical instruments, or
any other space-limited application with low
power-consumption requirements.
Benefits
Features
Ideal for single Li-Ion battery powered applications
• Wide input voltage range (2.7V to 5.5V)
Extended battery life
• High efficiency up to 96%
Supports a variety of end applications
• Output voltage range (0.58V to 3.35V)
• Output current of 1A
• Switching frequency: 2MHz, 3MHz, 4MHz
• High efficiency/low noise operation
Over – temperature protection and shutdown
• Integrated temperature monitoring
Cost effective, small package
• WL-CSP6 with 0.4mm pitch
General Description


Similar Part No. - AS1382

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
AS1383-BWLT-45 AMSCO-AS1383-BWLT-45 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
AS1383-BWLT-50 AMSCO-AS1383-BWLT-50 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
AS1383-BWLT-AD AMSCO-AS1383-BWLT-AD Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
AS1383-BWLT-ES AMSCO-AS1383-BWLT-ES Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
More results

Similar Description - AS1382

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ON Semiconductor
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com