Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1382 Datasheet(PDF) 13 Page - ams AG

Part # AS1382
Description  1A, High Efficiency, DC-DC Step Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1382 Datasheet(HTML) 13 Page - ams AG

Back Button AS1382 Datasheet HTML 9Page - ams AG AS1382 Datasheet HTML 10Page - ams AG AS1382 Datasheet HTML 11Page - ams AG AS1382 Datasheet HTML 12Page - ams AG AS1382 Datasheet HTML 13Page - ams AG AS1382 Datasheet HTML 14Page - ams AG AS1382 Datasheet HTML 15Page - ams AG AS1382 Datasheet HTML 16Page - ams AG AS1382 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ams Datasheet
Page 13
[v1-04] 2015-Jun-19
Document Feedback
AS1382 − Package Drawings & Markings
Figure 17:
6 Balls WL-CSP With 0.4mm Pitch
Note(s) and/or Footnote(s):
1. Pin 1 = A1
2. ccc Coplanarity
3. All dimensions are in
μm
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com