Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 1 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 1 Page - ams AG

  AS5047P Datasheet HTML 1Page - ams AG AS5047P Datasheet HTML 2Page - ams AG AS5047P Datasheet HTML 3Page - ams AG AS5047P Datasheet HTML 4Page - ams AG AS5047P Datasheet HTML 5Page - ams AG AS5047P Datasheet HTML 6Page - ams AG AS5047P Datasheet HTML 7Page - ams AG AS5047P Datasheet HTML 8Page - ams AG AS5047P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ams Datasheet
Page 1
[v1-00] 2014-Oct-31
Document Feedback
AS5047P
14-bit On-Axis Magnetic Rotary
Position Sensor with 12-Bit Decimal &
Binary Incremental Pulse Count for
28krpm high speed capability
The AS5047P is a high-resolution rotary position sensor for high
speed (up to 28krpm) angle measurement over a full 360 degree
range. This new position sensor is equipped with revolutionary
integrated dynamic angle error compensation (DAEC™) with
almost 0 latency and offers a robust design that suppresses the
influence of any homogenous external stray magnetic field.
A standard 4-wire SPI serial interface allows a host
microcontroller to read 14-bit absolute angle position data
from the AS5047P and to program non-volatile settings without
a dedicated programmer.
Incremental movements are indicated on a set of ABI signals
with a maximum resolution of 4000 steps / 1000 pulses per
revolution in decimal mode and 4096 steps / 1024 pulses per
revolution in binary mode. The resolution of the ABI signal is
programmable and can be reduced to 100 steps per revolution,
or 25 pulses per revolution.
Brushless DC (BLDC) motors are controlled through a standard
UVW commutation interface with a programmable number of
pole pairs from 1 to 7. The absolute angle position is also
provided as PWM-encoded output signal
The AS5047P is available as a single die in a compact 14-pin
TSSOP package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5047P, 14-bit On-Axis Magnetic
Rotary Position Sensor with 12-Bit Decimal & Binary
Incremental Pulse Count for 28krpm high speed capability are
listed below:
Figure 1:
Added Value of using the AS5047P
Benefits
Features
High speed application
Up to 28krpm
Easy to use – saving costs on DSP
DAEC™ Dynamic angle error compensation
Good resolution for motor & position control
14-bit core resolution
General Description


Similar Part No. - AS5047P

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5047D AMSCO-AS5047D Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
AS5047U AMSCO-AS5047U Datasheet
788Kb / 51P
14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
AS5047U-HTSM AMSCO-AS5047U-HTSM Datasheet
788Kb / 51P
14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
More results

Similar Description - AS5047P

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
14-Bit On-Axis Magnetic Rotary Position Sensor
AS5247 AMSCO-AS5247 Datasheet
1Mb / 37P
14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
AS5147P AMSCO-AS5147P Datasheet
520Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
AS5047U AMSCO-AS5047U Datasheet
788Kb / 51P
14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com