Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 27 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 27 Page - ams AG

Back Button AS5047P Datasheet HTML 23Page - ams AG AS5047P Datasheet HTML 24Page - ams AG AS5047P Datasheet HTML 25Page - ams AG AS5047P Datasheet HTML 26Page - ams AG AS5047P Datasheet HTML 27Page - ams AG AS5047P Datasheet HTML 28Page - ams AG AS5047P Datasheet HTML 29Page - ams AG AS5047P Datasheet HTML 30Page - ams AG AS5047P Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ams Datasheet
Page 27
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Application Information
Figure 37:
Minimum Programming Diagram for the AS5047P in 3.3V Operation
Note(s) and/or Footnote(s):
1. In terms of EMC and for remote application, additional circuits are necessary.
Figure 38:
Programming Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TaProg
Programming
temperature
Programming @ Room
Temperature
(25°C +-20°C
545
°C
VDD
Positive supply
voltage
5 V operation mode. Supply
voltage during
programming
4.555.5
V
VDD
Positive supply
voltage
3.3 V operation mode.
Supply voltage during
programming
3.3
3.5
V
IProg
Current for
programming
max current during OTP burn
procedure.
100
mA
CSn
CLK
MISO
MOSI
TEST
A
B
GND
VDD3V
VDD
U
V
W
VDD during programming: 3.3V – 3.5V
100nF
Programmer
VDD
GND
I
3.3V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com