Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 4 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 4 Page - ams AG

  AS5047P Datasheet HTML 1Page - ams AG AS5047P Datasheet HTML 2Page - ams AG AS5047P Datasheet HTML 3Page - ams AG AS5047P Datasheet HTML 4Page - ams AG AS5047P Datasheet HTML 5Page - ams AG AS5047P Datasheet HTML 6Page - ams AG AS5047P Datasheet HTML 7Page - ams AG AS5047P Datasheet HTML 8Page - ams AG AS5047P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Pin Assignment
Note(s) and/or Footnote(s):
1. Floating state of a digital input is not allowed.
2. If SPI is not used, an Pull up resistor on CSn is required.
3. If SPI is not used, an Pull down resistor on CLK is required.
8
W/PWM
Digital output
Commutation signal W or PWM
9
V
Digital output
Commutation signal V
10
U
Digital output
Commutation signal U
11
VDD
Power supply
5V power supply voltage for on-chip regulator
12
VDD3V3
Power supply
3.3V on-chip low-dropout (LDO) output. Requires an
external decoupling capacitor (1uF)
13
GND
Power supply
Ground
14
I
Digital output
Incremental signal I (index) or PWM
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com