Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 29 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 29 Page - ams AG

Back Button AS5047P Datasheet HTML 25Page - ams AG AS5047P Datasheet HTML 26Page - ams AG AS5047P Datasheet HTML 27Page - ams AG AS5047P Datasheet HTML 28Page - ams AG AS5047P Datasheet HTML 29Page - ams AG AS5047P Datasheet HTML 30Page - ams AG AS5047P Datasheet HTML 31Page - ams AG AS5047P Datasheet HTML 32Page - ams AG AS5047P Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ams Datasheet
Page 29
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Application Information
15. Read reg(0x0016) to reg(0x0019)
→ Read register step2
16. Comparison of written content (settings and angle) with
content of read register step2.
Mandatory: guard band test (Removing of Bit0 of
Settings1 from the comparison is mandatory. Bit0 is
preprogrammed)
17. New power ON cycle, if point 16 is correct. If point 16
fails, the test with the guard band test1 was not
successful and the device is incorrectly programmed. A
reprogramming is not allowed!
18. Read reg(0x0016) to reg(0x0019)
→ Read register step3
19. Comparision of written content (settings and angle)
with content of read register step3(Removing of Bit0 of
Settings1 from the comparison is mandatory. Bit0 is
preprogrammed).
20. If point 19 is correct, the programming was successful.
If point 19 fails, device is incorrectly programmed. A
reprogramming is not allowed
1. Guard band test:
- Restricted to temperature range: 25 °C ± 20 °C
- Right after the programming procedure (max. 1 hour with same
- Conditions 25°C ± 20 °C)
- Same VDD voltage
The guard band test is only for the verification of the burned OTP fuses during the programming sequence.
A use of the guard band in other cases is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com