Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 16 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 16 Page - ams AG

Back Button AS5047P Datasheet HTML 12Page - ams AG AS5047P Datasheet HTML 13Page - ams AG AS5047P Datasheet HTML 14Page - ams AG AS5047P Datasheet HTML 15Page - ams AG AS5047P Datasheet HTML 16Page - ams AG AS5047P Datasheet HTML 17Page - ams AG AS5047P Datasheet HTML 18Page - ams AG AS5047P Datasheet HTML 19Page - ams AG AS5047P Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Detailed Description
Figure 20:
PROG (0x0003)
The PROG register is used for programming the OTP memory.
(See programming the zero position.)
Figure 21:
DIAAGC (0x3FFC)
Figure 22:
MAG (0x3FFD)
Figure 23:
ANGLE (0x3FFE)
Name
Read/Write
Bit Position
Description
PROGVER
R/W
6
Program verify: must be set to 1 for verifying the
correctness of the OTP programming
PROGOTP
R/W
3
Start OTP programming cycle
OTPREF
R/W
2
Refreshes the non-volatile memory content with the
OTP programmed content
PROGEN
R/W
0
Program OTP enable: enables programming the entire
OTP memory
Name
Read/Write
Bit Position
Description
MAGH
R
11
Diagnostics: Magnetic field strength too low; AGC=0xFF
MAGL
R
10
Diagnostics: Magnetic field strength too high; AGC=0x00
COF
R
9
Diagnostics: CORDIC overflow
LF
R
8
Diagnostics: Offset compensation
LF=0:internal offset loops not ready regulated
LF=1:internal offset loop finished
AGC
R
7:0
Automatic gain control value
Name
Read/Write
Bit Position
Description
CMAG
R
13:0
CORDIC magnitude information
Name
Read/Write
Bit Position
Description
CORDICANG
R
13:0
Angle information without dynamic angle error
compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com