Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 20 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 20 Page - ams AG

Back Button AS5047P Datasheet HTML 16Page - ams AG AS5047P Datasheet HTML 17Page - ams AG AS5047P Datasheet HTML 18Page - ams AG AS5047P Datasheet HTML 19Page - ams AG AS5047P Datasheet HTML 20Page - ams AG AS5047P Datasheet HTML 21Page - ams AG AS5047P Datasheet HTML 22Page - ams AG AS5047P Datasheet HTML 23Page - ams AG AS5047P Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Detailed Description
ABI Incremental Interface
The AS5047P can send the angle position to the host
microcontroller through an incremental interface. This
interface is available simultaneously with the other interfaces.
By default, the incremental interface is set to work at the highest
resolution 4096 step per revolution, or 1024 pulses per
revolution (ppr). It is possible to select between a decimal and
binary pulses per revolution, respectively with the bit ABIBIN
and select the pulses per revolution with the bit ABIRES as
shown in Figure 31.
Figure 31:
ABI Resolution Setting
The phase shift between the signals A and B indicates the
rotation direction: e.g. DIR-Bit = 0, clockwise (A leads, B follows)
or counterclockwise (B leads, A follows). During the start-up
time, after power ON to the chip, all three ABI signals are high.
ABIRES
ABIBIN
Steps per revolution
Pulses per revolution
000
0
4000
1000
001
0
2000
500
010
0
1600
400
011
0
1200
300
100
0
800
200
101
0
400
100
110
0
200
50
111
0
100
25
000
1
4096
1024
001
1
2048
512
010
1
1024
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com