Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047P Datasheet(PDF) 24 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 24 Page - ams AG

Back Button AS5047P Datasheet HTML 20Page - ams AG AS5047P Datasheet HTML 21Page - ams AG AS5047P Datasheet HTML 22Page - ams AG AS5047P Datasheet HTML 23Page - ams AG AS5047P Datasheet HTML 24Page - ams AG AS5047P Datasheet HTML 25Page - ams AG AS5047P Datasheet HTML 26Page - ams AG AS5047P Datasheet HTML 27Page - ams AG AS5047P Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2014-Oct-31
AS5047P − Detailed Description
Hysteresis
The hysteresis can be programmed in the HYS bits if the
SETTINGS2 register and depends on the chosen resolution of
the incremental interface (ABIRES), as shown in the Figure 35.
Figure 35:
Hysteresis Settings
Automatic Gain Control (AGC) and CORDIC
Magnitude
The AS5047P uses AGC to compensate for variations in the
magnetic field strength due to changes of temperature, air gap
between the chip and the magnet, and demagnetization of the
magnet. The automatic gain control value can be read in the
AGC field of the DIAAGC register. Within the specified input
magnetic field strength (Bz), the Automatic Gain Control works
in a closed loop and keeps the CORDIC magnitude value (MAG)
constant. Below the minimum input magnetic field strength,
the CORDIC magnitude decreases and the MAGL bit is set.
Diagnostic Features
The AS5047P supports embedded self-diagnostics.
MAGL: magnetic field strength too high, set if AGC = 0xFF. This
indicates the non-linearity error may be increased.
MAGH: magnetic field strength too low, set if AGC = 0x00. This
indicates the output noise of the measured angle may be
increased.
COF: CORDIC overflow. This indicates the measured angle is not
reliable.
LF: offset compensation completed. At power-up, an internal
offset compensation procedure is started, and this bit is set
when the procedure is completed.
HYS
Hysteresis related to 11 Bit
ABI Resolution
00
3
01
2
10
1
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com