Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 13 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 13 Page - ams AG

Back Button PS081 Datasheet HTML 9Page - ams AG PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG PS081 Datasheet HTML 12Page - ams AG PS081 Datasheet HTML 13Page - ams AG PS081 Datasheet HTML 14Page - ams AG PS081 Datasheet HTML 15Page - ams AG PS081 Datasheet HTML 16Page - ams AG PS081 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-4
1
PSØ81
Table 2.7 Performance at Vcc = 3.3V with internal comparator
ENOB dR/R strain resistance
ENOB 2mV/V, Fast settle*
Frequency
(Hz)
No filter
SINC3
SINC5
500
23.0
24.0
24.4
14.0
250
23.6
24.4
25.1
14.6
100
24.4
25.0
25.3
15.4
50
24.7
25.4
25.7
15.7
20
25.2
26.0
26.2
16.2
10
25.8
26.6
26.9
16.8
5
26.4
27.1
27.5
17.4
* Fast settle = without filter
Table 2.8 General parameters
Symbol Parameter
Conditions
Min
Typ
Max
Unit
INL
Integral Non-linearity
Offset drift
Gain drift
over -20°C … +70°C
Supply Voltage 3.0V to 3.6V
Total system, 350
Ω SG
Full-bridge
Wheatstone
Total System. 350
Ω SG, 5V
0.01*
±
10
<
1
~ 1
µV/V
nV/V/K
nV/V/K
ppm/K
PSSR
Power Supply Rejec-
tion Ratio Vcc
1.8V or 3.3 V +-0.3 V
106
@1.8V
130
@3.3V
dB
* equals to ± 1.25 ppm of A/D-Converters with PGA setting 128
** using full bridge wiring for minimum zero drift
2.5
Integral Nonlinearity
The integral nonlinearity (INL) of PS081 can be specified to ± 0.01 µV (1.25 ppm). Expressed in divi-
sions this corresponds to ± 1: 200,000. This is a tremendous high linearity compared to the one of
nowadays latest A/D converters. Ordinary A/D converts have a linearity in the range of ± 0.12µV/V
(15 ppm), better A/D converters reach a linearity of ± 0.4 µV (5ppm).
Of course, you can only determine the linearity of the electronics itself, if you can provide a sensor
which is accurate and linear enough to measure it. We used for this purpose the revised version of
the acam load cell simulator (ALCS350-V2) which offers comfortable methods to investigate not only
the linearity, but also variations over temperature or voltage. The linearity of ALCS350-V2 is ± 0.01
µV/V (1:200,000) with PICOSTRAIN wiring and ± 0.04 µV/V with Wheatstone wiring and there-
fore much more linear than an ordinary load cell. Linearity investigations with the PS081 and the
ALCS350-V2 as a sensor are shown in the following tables. More details about the possibilities and
the limitations of the load cell simulator are provided in the ALCS350-V2 datasheet.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com