Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 57 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 57 Page - ams AG

Back Button PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-34
1
PSØ81
Zero Drift of Full Bridge Standard Wiring
In the packaged version of PS081 there is some systematic offset drift due to different bond wire
lengths. This zero drift is ±10 nV/V/K and the same for every chip. Because of the nature of this
drift it can be easily compensated on the PCB by cross-matching the different bond wire length on
the PCB.
To compensate this systematical drift the trace from SG-B1 to the connection pad of the load cell
wire should be (t.b.d.) mm longer than the trace from SG-A2 to the connection pad. SG-A1 and SG-
B2 should have the same length.
Please note: In any case, the main source of the drift is not the electronic. PICOSTRAIN and also
a good AD-converter have 5 to 10 times better drift values than a good load cell. Therefore, if the
system performance should be significantly increased, the drift of the load cell has to be reduced.
PS081 can solve this task by software with the Mult_TKO possibility.
3.6.7
Mult_UB - Power Supply Rejection
PS081 measures frequently the supply voltage. The measured voltage can be used to correct the
dependency of the gain from the voltage. It is switched on by configuration bit mult_en_ub = 1.
Factor mult_ub[7:0] defines the control ratio of the voltage measurement. The control ratio is gene-
rally very low. The result of the strain measurement will be corrected according to
HB = HB/(1 + UB*[-128 ... 127] / 221).
The standard setting for Mult_UB is 0xF7.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com