Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 49 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 49 Page - ams AG

Back Button PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG PS081 Datasheet HTML 50Page - ams AG PS081 Datasheet HTML 51Page - ams AG PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-26
1
PSØ81
A simple example program to display the results could be:
ramadr
20
; HB0 result
move
x , r
; Load x-Accu with the result
move
y , 2
; Load y-Accu with the comma position
no2lcd
x , 2
; Convert into 7-segment display
newlcd
; Indicate new value to the LCD-driver
clrwdt
; setback the watchdog
stop
; Hold the µC
3.6.1
Off-center Correction for Quattro Scales
Several scales like body scales have four load cells, each with a half-bridge sensor on it. The indicated
weight might vary with the position on the platform in case the load cells do not all have exactly the
same sensitivity. PSØ81 allows to correct the gain of the half bridges just by software without trim-
ming or adding an additional trim circuit. Each half bridge result is assigned its own multiplication fac-
tor (MULT_HB1 to MULT_HB4). By simply four measurements it is possible to calculate the multipli-
cation factors for the correction. Therefore a nominal load has to be put on each corner of the scale.
Please contact acam for the algorithm to calculate the factors MULT_HB1 to MULT_HB4.
3.6.2
Compensation of Load Cell Gain & Offset Drift (Mult_TKG, Mult_TkO)
Todays high end converters have a very good zero drift and gain drift bevavior. It is about 5 to 10
times better than for a good load cell itself. The real goal is an optimized complete system (scale)
and not only a very good electronic. Therefore, with the PICOSTRAIN family acam has indroduced
a method which is also able to correct the zero drift and the gain drift of the load cell by software
without touching the load cell. This method works only if the load cell has just one compensation
resistor (Rspan)1.
PS081 can measure this resistor and correct it by an algorithm in the µP, based on factors
Mult_TkG for the gain drift and Mult_TKO for the zero drift. This can be done after the production of
the load cell is completed. It is no longer necessary to have a precise compensation resistor on the
load cell. It is not necessary to trim Rspan manually.
A further consequence of this possibility is that it is no longer necessary to trim the load cell exactly
to zero, no zero offset compensation resistors are needed.
1
see also 3.6.4 Nonlinearity of gain drift over temperature. It may be necessary to add a resistor in
parallel to Rspan to reduce nonlinearity.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com