Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 22 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 22 Page - ams AG

Back Button PS081 Datasheet HTML 18Page - ams AG PS081 Datasheet HTML 19Page - ams AG PS081 Datasheet HTML 20Page - ams AG PS081 Datasheet HTML 21Page - ams AG PS081 Datasheet HTML 22Page - ams AG PS081 Datasheet HTML 23Page - ams AG PS081 Datasheet HTML 24Page - ams AG PS081 Datasheet HTML 25Page - ams AG PS081 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-13
PSØ81
25
SPI_CLK_IO2
Clock serial SPI interface or IO2
Mult-IO
1432.2
2286
26
GND
Ground
1320.2
2286
27
OSC_IN
Input to 4MHz ceramic resonator
1208.2
2286
28
OSC_OUT
Output to 4MHz ceramic resonator
1096.2
2286
29
VCC_OSC
4MHz Oscillator supply voltage
984.2
2286
30
SPI_CSN_RST
SPI_SSN_RST
Slave select or RST input (High active)
Input with
pull-down
872.2
2286
31
SPI_ENA
Serial SPI interface enable
760.2
2286
32
MULT_IO3
Select for Wheatstone comparator MUX
or Interrupt or Multi purpose I/O no. 3
Wheatstone
select
Mult-IO
648.2
2286
33
GND
Ground
536.2
2286
34
Vcc
Supply voltage digital part , I/O, 4MHz-osc.
424.2
2286
Left
35
Vcc
Supply voltage digital part , I/O, 4MHz-osc.
83
2003.3
36
Vcc-SENSE
Supply voltage SENSE pins
83
1891.3
37
SENSE_IN
Input internal CMOS comparator, connect
to Vcc if not used
Analog In
83
1779.3
38
SENSE_OUT
Output internal CMOS comparator
Analog Out
83
1667.3
39
UCOMP1
External comparator circuit connection
Analog Out
83
1555.3
40
UCOMP2
External comparator circuit connection
Analog Out
83
1443.3
41
STOP
Stop input measuring signal
83
1331.3
42
GND
Ground
83
1219.3
43
VCC_LCD
Supply voltage LCD, 10kHz osc., bandgap
83
1045
44
CPUMP1
LCD voltage doubling and stabilization
Analog Out
83
933
45
CPUMP2
LCD voltage doubling and stabilization
Analog Out
83
821
46
CPUMP3
LCD voltage doubling and stabilization
Analog Out
83
709
47
LCD_COM1
LCD line driver for 1/2, 1/3, 1/4 duty
LCD Buffer
83
597
48
LCD_COM2
LCD line driver for 1/2, 1/3, 1/4 duty
LCD Buffer
83
485
49
LCD_COM3
LCD line driver for 1/3, 1/4 duty,
row driver for 1/2 duty
LCD Buffer
83
373
50
GND
Ground
83
261
51
LCD_COM4
LCD line driver for 1/4 duty,
row driver for 1/2, 1 /3 duty
LCD Buffer
83
149
Bottom
52
LCD_SEG1
LCD row driver
LCD Buffer
612.6
83
53
LCD_SEG2
LCD row driver
LCD Buffer
724.6
83
54
LCD_SEG3
LCD row driver
LCD Buffer
836.6
83
55
LCD_SEG4
LCD row driver
LCD Buffer
948.6
83
56
LCD_SEG5
LCD row driver
LCD Buffer
1060.6
83
57
LCD_SEG6
LCD row driver
LCD Buffer
1172.6
83
58
LCD_SEG7
LCD row driver
LCD Buffer
1347
83
59
LCD_SEG8
LCD row driver
LCD Buffer
1459
83
60
LCD_SEG9
LCD row driver
LCD Buffer
1571
83
61
LCD_SEG10
LCD row driver
LCD Buffer
1683
83
62
LCD_SEG11
LCD row driver
LCD Buffer
1795
83
63
LCD_SEG12
LCD row driver
LCD Buffer
1907
83
64
LCD_SEG13
LCD row driver
LCD Buffer
2019
83
65
LCD_SEG14
LCD row driver
LCD Buffer
2131
83
66
GND
Ground
2928
83
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com