Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 52 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 52 Page - ams AG

Back Button PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG PS081 Datasheet HTML 50Page - ams AG PS081 Datasheet HTML 51Page - ams AG PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-29
PSØ81
A more convenient way to change a load cell with 2 Rspan is to switch them in series. This is possib-
le if the connections of the Rspan resistors are available as illustrated in the following picture:
Figure 3.28 Two Rspan in series
Please note: You are not touching the strain gage sensors or the Rspan resistors directly. Instead
you make any re-wiring proposed in the connection field of the load cell. This is true for the changes
regarding Rspan as well as the change from Wheatstone-wiring to PICOSTRAIN-wiring (please see
also chapter 3.3.2).
3.6.4
Nonlinearity of gain drift over temperature
Scope of this item: Only important for calibrated scales, e.g. according to OIML specification.
Independently of the PICOSTRAIN gain drift compensation we have always a nonlinearity of the load
cell over temperature. This nonlinearity generally has two causes, the nonlinearity of the load cell
itself (material, glue, wiring, etc.) and a nonlinearity coming from the paralleling of the Rspan resis-
tor with its adjustment resistor (Rsadj). Normally these two effects are in opposite direction, so that
overall nonlinearity can be reduced. In other words, the nonlinearity introduced by the paralleling
of the resistors is compensating to some degree the nonlinearity coming from the load cell itself.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com