Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 47 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 47 Page - ams AG

Back Button PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG PS081 Datasheet HTML 50Page - ams AG PS081 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-24
1
PSØ81
from the temperature measurement before it is used for the correction of the strain measurement.
Make sure that the bits mod_rspan & rspan_by_temp are set (configreg_01, bit 6 and 8, page ALU
in the evaluation software).
3.5.8.1
Resistors Rtemp and Rref
The sensitive resistor may be a carbon film resistor with a temperature coefficient in the range of
200-300ppm/K. The reference resistor can be a metal film resistor which have typically <50ppm/K.
Please make sure, that the temperature coefficient of the carbon resistor is not <200ppm/K be-
cause in this case the temperature measurement will not work properly.
The values for Rtemp and Rref have to be adjusted to the strain gage resistance and the kind of
bridge.
Therefore the resistors should have following values:
Normal :
R = Rsg (e.g. 1000 Ohm with 1000 Ohm bridges)
(= Half-, Full-, Quattro Bridge)
Wheatstone Bridge:
R = 0.75*Rsg
(e.g. 750 Ohm with 1000 Ohm Bridges)
Note:
The two resistors have to be connected in any case as they are used also for the comparator delay
correction. In case of no temperature measurement both resistors can be of the same type (e.g.
carbon resistors).
The sensitive resistor may be a carbon film resistor with a temperature coefficient in the range of
200-300ppm/K. The reference resistor can be a metal film resistor which have typically <50ppm/K.
Please make sure, that the temperature coefficient of the carbon resistor is not <200ppm/K be-
cause in this case the temperature measurement will not work properly..
For more information about this method of gain drift correction see application note AN021.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com