Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS081 Datasheet(PDF) 21 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 21 Page - ams AG

Back Button PS081 Datasheet HTML 17Page - ams AG PS081 Datasheet HTML 18Page - ams AG PS081 Datasheet HTML 19Page - ams AG PS081 Datasheet HTML 20Page - ams AG PS081 Datasheet HTML 21Page - ams AG PS081 Datasheet HTML 22Page - ams AG PS081 Datasheet HTML 23Page - ams AG PS081 Datasheet HTML 24Page - ams AG PS081 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-12
1
PSØ81
Die
Figure 2.10 Pad assignment Die
Table 2.13 Pad assignment and location Die
#Pad
Name
Description
Type
X-Pos
Center
Y-Pos.
Center
Right
1
VCC
Supply voltage digital part, I/O, 4MHz-osc.
3392
193.8
2
SG_D1
Port 1 halfbridge D
N Open Drain
3392
316
3
SG_D2
Port 2 halfbridge D
N Open Drain
3392
431
4
GND
Ground
3392
546
5
SG_C1
Port 1 halfbridge C
N Open Drain
3392
661
6
SG_C2
Port 2 halfbridge C
N Open Drain
3392
776
7
GND
Ground
3392
891
8
SG_B1
Port 1 halfbridge B
N Open Drain
3392
1006
9
SG_B2
Port 2 halfbridge B
N Open Drain
3392
1121
10
GND
Ground
3392
1236
11
SG_A1
Port 1 halfbridge A
N Open Drain
3392
1351
12
SG_A2
Port 2 halfbridge A
N Open Drain
3392
1466
13
GND
Ground
3392
1581
14
PSEP1
Port 1 temperature measurement
N Open Drain
3392
1696
15
PSEP2
Port 2 temperature measurement
N Open Drain
3392
1811
16
VCC
Supply voltage digital part , I/O, 4MHz-osc.
3392
1926
17
MULT_IO5
Multi purpose I/O no. 5
Mult-IO
3392
2151
Top
18
MULT_IO4
Multi purpose I/O no. 4
Mult-IO
2862
2286
19
GND
Ground
2730
2286
20
VCC_LOAD
Power supply load output pins 1 and 2
2115
2286
21
LOAD1
Load output to measuring capacitor
P Open Drain
1976.6
2286
22
LOAD2
Load output to measuring capacitor
P Open Drain
1835
2286
23
SPI_DO_IO0
Output serial SPI interface or IO0
Mult-IO
1656.2
2286
24
SPI_DI_IO1
Input serial SPI interface or IO1
Mult-IO
1544.2
2286
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com