Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 17Page - Texas Instruments TAS5760LDAPR Datasheet HTML 18Page - Texas Instruments TAS5760LDAPR Datasheet HTML 19Page - Texas Instruments TAS5760LDAPR Datasheet HTML 20Page - Texas Instruments TAS5760LDAPR Datasheet HTML 21Page - Texas Instruments TAS5760LDAPR Datasheet HTML 22Page - Texas Instruments TAS5760LDAPR Datasheet HTML 23Page - Texas Instruments TAS5760LDAPR Datasheet HTML 24Page - Texas Instruments TAS5760LDAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100 200
Output Power (W)
RL = 2 Ω
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G013
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
Total Output Power (W)
PVDD = 12 V
PVDD = 15 V
RL = 4 Ω
G015
0
10
20
30
40
50
60
70
80
90
100
8
9
10
11
12
13
14
15
16
PVDD (V)
ICN @ Gain = 00
ICN @ Gain = 01
Idle Channel
RL = 8 Ω
G007
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power (W)
RL = 2 Ω
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G011
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G004
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 2 Ω
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G005
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Typical Performance Characteristics (Mono PBTL Mode) (continued)
At TA = 25°C, fSPK_AMP = 768 kHz, input signal is 1 kHz Sine unless otherwise noted.
PVDD = 12 V, POSPK = 1 W
PVDD = 12 V, POSPK = 1 W
Figure 32. THD+N vs Frequency
Figure 33. THD+N vs Frequency
Figure 34. Idle Channel Noise vs PVDD
Figure 35. THD+N vs Output Power with PVDD = 12 V
Figure 36. THD+N vs Output Power with PVDD = 12 V
Figure 37. Efficiency vs Output Power
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com