Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 45Page - Texas Instruments TAS5760LDAPR Datasheet HTML 46Page - Texas Instruments TAS5760LDAPR Datasheet HTML 47Page - Texas Instruments TAS5760LDAPR Datasheet HTML 48Page - Texas Instruments TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments TAS5760LDAPR Datasheet HTML 50Page - Texas Instruments TAS5760LDAPR Datasheet HTML 51Page - Texas Instruments TAS5760LDAPR Datasheet HTML 52Page - Texas Instruments TAS5760LDAPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
10.2.4.2.2
Shutdown Procedures- Hardware Control Mode
1. The device is in normal operation
2. Pull SPK_SLEEP/ADR HIGH
3. Pull SPK_SD LOW
4. The clocks can now be stopped and the power supplies brought down
5. The device is now fully shutdown and powered off
10.2.4.2.3
Digital I/O Connectivity
The digital I/O lines of the TAS5760L are described in previous sections. As discussed, whenever a static digital
pin (that is a pin that is hardwired to be HIGH or LOW) is required to be pulled HIGH, it should be connected to
DVDD through a pullup resistor in order to control the slew rate of the voltage presented to the digital I/O pins. It
is not, however, necessary to have a separate pullup resistor for each static digital I/O line. Instead, a single
resistor can be used to tie all static I/O lines HIGH to reduce BOM count. For instance, if Software Control Mode
is desired both the GAIN[1:0] and the PBTL/SCL pins can both be pulled HIGH through a single pullup resistor.
10.2.4.3 Application Curve
Table 16. Relevant Performance Plots
PLOT TITLE
PLOT NUMBER
Figure 32. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G032
Figure 34. Idle Channel Noise vs PVDD
G034
Figure 29. THD+N vs Output Power With PVDD = 12 V With 1 kHz Sine Input
G035
Figure 37. Efficiency vs Output Power
G038
Figure 2. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G004
Figure 17. Idle Channel Noise vs PVDD
G007
Figure 35. THD+N vs Output Power With PVDD = 12 V
G011
Figure 7. Efficiency vs Output Power
G015
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com