Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5760LDAPR Datasheet HTML 1Page - Texas Instruments TAS5760LDAPR Datasheet HTML 2Page - Texas Instruments TAS5760LDAPR Datasheet HTML 3Page - Texas Instruments TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
0
5
10
15
20
25
30
35
40
4
6
8
10
12
14
16
Supply Voltage (V)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
4
Ω Thermal Limit
6
Ω Thermal Limit
8
Ω Thermal Limit
THD+N = 10%
G001
Clock Monitoring
Digital to
PWM
Conversion
Digital
Boost
&
Volume
Control
Soft
Clipper
Analog
Gain
Full Bridge
Power Stage
B
Serial
Audio
Port
Internal Control Registers and State Machines
Internal Reference
Regulators
Over-
Current
Protection
Full Bridge
Power Stage
A
Gate
Drives
Gate
Drives
Digital
Clipper
Die
Temp. Monitor
Internal Gate
Drive Regulator
Closed Loop Class D Amplifier
SFT_CLIP
SPK_OUTB+
SPK_OUTB-
SPK_OUTA+
SPK_OUTA-
SCLK
SDIN
MCLK
LRCK
DVDD
ANA_REG
AVDD
GVDD_REG
PVDD
Internal
Voltage
Supplies
PBTL/
SCL
SPK_GAIN1
SPK_FAULT SPK_SLEEP/
ADR
SPK_GAIN0
SPK_SD
FREQ/
SDA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
TAS5760L General-Purpose I2S Input Class-D Amplifier
1 Features
3 Description
The TAS5760L is a stereo I2S input device which
1
•
Audio I/O Configuration:
includes hardware and software (I²C) control modes,
–
Single Stereo I²S Input
integrated digital clipper, several gain options, and a
–
Stereo Bridge Tied Load (BTL) or Mono
wide power supply operating range to enable use in a
Parallel Bridge Tied Load (PBTL) Operation
multitude of applications. The TAS5760L operates
with a nominal supply voltage from 4.5 to 15 VDC.
–
32, 44.1, 48, 88.2, 96 kHz Sample Rates
An optimal mix of thermal performance and device
•
General Operational Features:
cost is provided in the 120-m
Ω RDS(ON) of the output
–
Selectable Hardware or Software Control
MOSFETs. Additionally, a thermally enhanced 48-Pin
–
Integrated Digital Output Clipper
TSSOP provides excellent operation in the elevated
–
Programmable I²C Address (1101100[R/W] or
ambient temperatures found in modern consumer
electronic devices.
1101101[R/W])
–
Closed-Loop Amplifier Architecture
The entire TAS5760xx family is pin-to-pin compatible
in the 48-Pin TSSOP package. Alternatively, to
–
Adjustable Switching Frequency for Speaker
achieve the smallest possible solutions size for
Amplifier
applications where pin-to-pin compatibility and a
•
Robustness Features:
headphone or line driver are not required, a 32-Pin
–
Clock Error, DC, and Short-Circuit Protection
TSSOP package is offered for the TAS5760M and
TAS5760L devices. The I2C register map in all of the
–
Overtemperature and Programmable
TAS5760xx devices are identical, to ensure low
Overcurrent Protection
development
overhead
when
choosing
between
•
Audio Performance (PVDD = 12 V, RSPK = 8 Ω,
devices based upon system-level requirements.
SPK_GAIN[1:0] Pins = 01)
–
Idle Channel Noise = 65 µVrms (A-Wtd)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
THD+N = 0.09% (at 1 W, 1 kHz)
HTSSOP (48)
12.50 mm × 6.10 mm
–
SNR = 100 dB A-Wtd (Ref. to THD+N = 1%)
TAS5760L
HTSSOP (32)
11 mm × 6.2 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
LCD/LED TV and Multipurpose Monitors
•
Sound Bars, Docking Stations, PC Audio
•
General-Purpose Audio Equipment
Functional Block Diagram
Output Power vs PVDD
NOTE: Thermal Limits were determined via the
TAS5760xxEVM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCAR TI1-TAS5760LDDCAR Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
More results

Similar Description - TAS5760LDAPR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com