Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 2Page - Texas Instruments TAS5760LDAPR Datasheet HTML 3Page - Texas Instruments TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments TAS5760LDAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
ANA_REG
SFT_CLIP
AVDD
VCOM
ANA_REF
SPK_FAULT
FREQ/SDA
SPK_SD
PBTL/SCL
DVDD
GVDD_REG
GGND
BSTRPA+
SPK_OUTA+
PVDD
PGND
SPK_OUTA-
BSTRPA-
BSTRPB-
SPK_OUTB-
SPK_GAIN0
SPK_GAIN1
SPK_SLEEP/ADR
SCLK
PGND
PVDD
SPK_OUTB+
DGND
BSTRPB+
LRCK
MCLK
SDIN
PowerPAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
DAP PACKAGE
32-PIN TSSOP
TOP VIEW
Pin Functions
TAS5760L
INTERNAL
NO.
TYPE(1)
DESCRIPTION
TERMINATION
NAME
AVDD
1
P
-
Power supply for internal analog circuitry
Connection point for internal reference used by ANA_REG and VCOM filter
ANA_REF
5
P
-
capacitors
Voltage regulator derived from AVDD supply (NOTE: This terminal is provided
ANA_REG
3
P
-
as a connection point for filtering capacitors for this supply and must not be
used to power any external circuitry)
Connection point for the SPK_OUTA- bootstrap capacitor, which is used to
BSTRPA-
25
P
-
create a power supply for the high-side gate drive for SPK_OUTA-
Connection point for the SPK_OUTA+ bootstrap capacitor, which is used to
BSTRPA+
30
P
-
create a power supply for the high-side gate drive for SPK_OUTA
Connection point for the SPK_OUTB- bootstrap capacitor, which is used to
BSTRPB-
24
P
-
create a power supply for the high-side gate drive for SPK_OUTB-
Connection point for the SPK_OUTB+ bootstrap capacitor, which is used to
BSTRPB+
19
P
-
create a power supply for the high-side gate drive for SPK_OUTB+
Ground for digital circuitry (NOTE: This terminal should be connected to the
DGND
18
G
-
system ground)
DVDD
10
P
-
Power supply for the internal digital circuitry
Dual function terminal that functions as an I²C data input terminal in I²C Control
FREQ/SDA
8
DI
Weak Pull-Down
Mode or as a Frequency Select terminal when in Hardware Control Mode.
Ground for gate drive circuitry (this terminal should be connected to the system
GGND
31
G
-
ground)
Voltage regulator derived from PVDD supply (NOTE: This terminal is provided
GVDD_REG
32
P
-
as a connection point for filtering capacitors for this supply and must not be
used to power any external circuitry)
Word select clock for the digital signal that is active on the serial port's input
LRCK
17
DI
Weak Pull-Down
data line
Master Clock used for internal clock tree, sub-circuit/state machine, and Serial
MCLK
14
DI
Weak Pull-Down
Audio Port clocking
Dual function terminal that functions as an I²C clock input terminal in I²C
PBTL/SCL
9
DI
Weak Pull-Down
Control Mode or configures the device to operate in pre-filter Parallel Bridge
Tied Load (PBTL) mode when in Hardware Control Mode
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, P = Power, G = Ground (0V)
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com