Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 43Page - Texas Instruments TAS5760LDAPR Datasheet HTML 44Page - Texas Instruments TAS5760LDAPR Datasheet HTML 45Page - Texas Instruments TAS5760LDAPR Datasheet HTML 46Page - Texas Instruments TAS5760LDAPR Datasheet HTML 47Page - Texas Instruments TAS5760LDAPR Datasheet HTML 48Page - Texas Instruments TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments TAS5760LDAPR Datasheet HTML 50Page - Texas Instruments TAS5760LDAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
NOTE
Control port register changes should only occur when the device is placed into shutdown.
This can be accomplished either by pulling the SPK_SD pin LOW or clearing the SPK_SD
bit in the control port.
10.2.3.2.2
Shutdown Procedures- Software Control Mode
1. The device is in normal operation
2. Mute via the control port
3. Pull SPK_SD LOW
4. The clocks can now be stopped and the power supplies brought down
5. The device is now fully shutdown and powered off
NOTE
Any control port register changes excluding volume control changes should only occur
when the device is placed into shutdown. This can be accomplished either by pulling the
SPK_SD pin LOW or clearing the SPK_SD bit in the control port.
10.2.3.2.3
Component Selection and Hardware Connections
above details the typical connections required for proper operation of the device. It is with this list of components
that the device was simulated, tested, and characterized. Deviation from this typical application circuit unless
recommended by this document may produce unwanted results, which could range from degradation of audio
performance to destructive failure of the device.
10.2.3.2.3.1
I²C Pull-Up Resistors
It is important to note that when the device is operated in Software Control Mode, the customary pull-up resistors
are required on the SCL and SDA signal lines. They are not shown in the Typical Application Circuits, since they
are shared by all of the devices on the I²C bus and are considered to be part of the associated passive
components for the System Processor. These resistor values should be chosen per the guidance provided in the
I²C Specification.
10.2.3.2.3.2
Digital I/O Connectivity
The digital I/O lines of the TAS5760L are described in previous sections. As discussed, whenever a static digital
pin (that is a pin that is hardwired to be HIGH or LOW) is required to be pulled HIGH, it should be connected to
DVDD through a pullup resistor in order to control the slew rate of the voltage presented to the digital I/O pins. It
is not, however, necessary to have a separate pullup resistor for each static digital I/O line. Instead, a single
resistor can be used to tie all static I/O lines HIGH to reduce BOM count. For instance, if Software Control Mode
is desired both the GAIN[1:0] and the PBTL/SCL pins can both be pulled HIGH through a single pullup resistor.
10.2.3.3 Application Curve
Table 14. Relevant Performance Plots
PLOT TITLE
PLOT NUMBER
Figure 27. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G032
Figure 29. THD+N vs Output Power With PVDD = 12 V With 1 kHz Sine Input
G035
Figure 37. Efficiency vs Output Power
G038
Figure 2. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G004
Figure 35. THD+N vs Output Power With PVDD = 12 V
G011
Figure 7. Efficiency vs Output Power
G015
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com