Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments TAS5760LDAPR Datasheet HTML 50Page - Texas Instruments TAS5760LDAPR Datasheet HTML 51Page - Texas Instruments TAS5760LDAPR Datasheet HTML 52Page - Texas Instruments TAS5760LDAPR Datasheet HTML 53Page - Texas Instruments TAS5760LDAPR Datasheet HTML 54Page - Texas Instruments TAS5760LDAPR Datasheet HTML 55Page - Texas Instruments TAS5760LDAPR Datasheet HTML 56Page - Texas Instruments TAS5760LDAPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
1.0 UF
1.0 UF
1.0 UF
0.22UF
0.22UF
1.0 UF
VDD
LFILT
LFILT
CFILT
CFILT
0.22UF
0.22UF
LFILT
LFILT
CFILT
CFILT
10 l3
VDD
RCLIP2
1.0 UF
RCLIP1
HIGH
Æ fSPK_AMP = 8 * fS
LOW
Æ fSPK_AMP = 16 * fS
System Processor
&
Associated Passive
Components
24
25
1
2
3
4
5
6
7
8
9
12
13
14
15
16
48
47
46
31
30
29
28
27
26
23
22
21
20
19
10
11
SFT_CLIP
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
SPK_GAIN0
SPK_GAIN1
SPK_SLEEP/ADR
SCLK
SDIN
MCLK
DVDD
AVDD
GGND
BSTRPA+
SPK_OUTA+
PVDD
PGND
SPK_OUTA-
BSTRPA-
BSTRPB-
PGND
PVDD
SPK_OUTB+
DGND
LRCK
BSTRPB+
SPK_OUTB-
GVDD_REG
Gain Set by Pin Decode
0.1 UF
0.1 UF
470 UF
PVDD
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
10.2.6 Stereo BTL Using Hardware Control, 32-Pin DAP Package Option
Figure 52. Stereo BTL using Hardware Control, 32-Pin DAP Package Option
10.2.6.1 Design Requirements
For this design example, use the parameters listed in Table 19 as the input parameters.
Table 19. Design Parameters
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
5 V to 15 V
I2S Compliant Master
Host Processor
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speakers
4
Ω to 8 Ω
10.2.6.2 Detailed Design Procedure
10.2.6.2.1
Startup Procedures- Hardware Control Mode
1. Configure all hardware pins as required by the application using PCB connections (that is PBTL, FREQ,
GAIN, etc.)
2. Start with SPK_SD pin pulled LOW and SPK_SLEEP/ADR pin pulled HIGH
3. Bring up power supplies (it does not matter if PVDD/AVDD or DVDD comes up first, provided the device is
held in shutdown.)
4. Once power supplies are stable, start MCLK, SCLK, LRCK
5. Once power supplies and clocks are stable and all hardware control pins have been configured, bring
SPK_SD HIGH
6. Once the device is out of shutdown mode, bring SPK_SLEEP/ADR LOW
7. The device is now in normal operation
10.2.6.2.2
Shutdown Procedures- Hardware Control Mode
1. The device is in normal operation
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com