Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5760LDAPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 35Page - Texas Instruments TAS5760LDAPR Datasheet HTML 36Page - Texas Instruments TAS5760LDAPR Datasheet HTML 37Page - Texas Instruments TAS5760LDAPR Datasheet HTML 38Page - Texas Instruments TAS5760LDAPR Datasheet HTML 39Page - Texas Instruments TAS5760LDAPR Datasheet HTML 40Page - Texas Instruments TAS5760LDAPR Datasheet HTML 41Page - Texas Instruments TAS5760LDAPR Datasheet HTML 42Page - Texas Instruments TAS5760LDAPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Channel Selection for PBTL Mode [1] (R/W)
01010001
When placed in PBTL mode, the audio information from the Right channel of the serial audio input stream is used by
- - - - - - 0 -
the speaker amplifier
When placed in PBTL mode, the audio information from the Left channel of the serial audio input stream is used by the
- - - - - - 1 -
speaker amplifier
Reserved [0] (R/W)
01010001
This control is reserved and must not be changed from its default setting.
- - - - - - - -
9.5.2.8 Reserved (7 / 0x07)
Reserved [7:0] (R/W)
00000000
Reserved
- - - - - - - -
9.5.2.9 Fault Configuration and Error Status (8 / 0x08)
Reserved [7:6] (R)
00000000
This control is reserved and must not be changed from its default setting.
- - - - - - - -
OCE Threshold [5:4] (R)
00000000
Threshold is set to the default level specified in the electrical characteristics table
- - 0 0 - - - -
Threshold is reduced to 75% of the evel specified in the electrical characteristics table
- - 0 1 - - - -
Threshold is reduced to 50% of the evel specified in the electrical characteristics table
- - 1 0 - - - -
Threshold is reduced to 25% of the evel specified in the electrical characteristics table
- - 1 1 - - - -
Clock Error Status [3] (R)
1000 0 000
Clocks are valid and no error is currently detected
- - - - 0 - - -
A clock error is occuring (This error is non-latching, so intermittent clock errors will be cleared when clocks re-enter
valid state and the device will resume normal operation automatically. This bit will likewise be cleared once normal
- - - - 1 - - -
operation resumes.)
Over Current Error Status[2] (R)
10000 0 00
The output current levels of the speaker amplifier outputs are below the OCE threshold
- - - - - 0 - -
The DC offset level of the outputs has exceeded the OCE threshold, causing an error (This is a latching error and
SPK_SD must be toggled after an OCE event for the device to resume normal operation. This bit will remain HIGH until
- - - - - 1 - -
SPK_SD is toggled.)
Output DC Error Status [1] (R)
100000 0 0
The DC offset level of the speaker amplifier outputs are below the DCE threshold
- - - - - - 0 -
The DC offset level of the speaker amplifier outputs has exceeded the DCE threshold, causing an error (This is a
latching error and SPK_SD must be toggled after an DCE event for the device to resume normal operation. This bit will
- - - - - - 1 -
remain HIGH until SPK_SD is toggled.)
Over-Temperature Error Status[1] (R)
1000000 0
A clock error will occur if SCLK is stopped
- - - - - - - 0
The temperature of the die has exceeded the level specified in the electrical characteristics table. (This is a latching
error and SPK_SD must be toggled for the device to resume normal operation. This bit will remain HIGH until SPK_SD
- - - - - - - 1
is toggled.)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com