Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 5 Page - Diodes Incorporated

  AP9101C Datasheet HTML 1Page - Diodes Incorporated AP9101C Datasheet HTML 2Page - Diodes Incorporated AP9101C Datasheet HTML 3Page - Diodes Incorporated AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
5 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Electrical Characteristics
(TA = +25°C, VDD = 3.5V, VSS = 0V, R1 = 330Ω, R2 = 2.7kΩ, C1 = 100nF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCU
Overcharge Detection Voltage
—
VCU-0.025
VCU
VCU+0.025
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL-0.050
VCL
VCL+0.050
V
VCL = VCU
VCL-0.025
VCL
VCL+0.025
V
VDL
Overdischarge Detection Voltage
—
VDL-0.035
VDL
VDL+0.035
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU-0.100
VDU
VDU+0.100
V
VDU = VDL
VDU-0.035
VDU
VDU+0.035
V
VDOC
Discharge Overcurrent Detection Voltage
—
VDOC-0.015
VDOC
VDOC+0.015
V
VSHORT
Load Short-Circuiting Detection Voltage
—
VSHORT-0.10
VSHORT VSHORT+0.10
V
VCOC
Charge Overcurrent Detection Voltage
—
VCOC-0.015
VCOC
VCOC+0.015
V
ICC
Current Consumption during Operation
VDD = 3.5V, VM = 0V
1.5
3
4.5
µA
ISTB
Current Consumption at Power-Down
VDD=1.8V,
VM Pin
Floating
Power-Down Mode
—
—
0.1
µA
Without Power-Down
Mode (Auto-Wake-up)
—
—
5.5
RCOH
CO Pin Resistance “H”
VDD = 3.5V, VCO = 3.0V, VM = 0V
2
6
10
k
Ω
RCOL
CO Pin Resistance “L”
VDD = 4.5V, VCO = 0.5V, VM = 0V
2
4
10
kΩ
RDOH
DO Pin Resistance “H”
VDD = 3.5V, VDO = 3.0V, VM = 0V
2
5
10
kΩ
RDOL
DO Pin Resistance “L”
VDD = 1.8V, VDO = 0.5V, VM = 0V
2
5
10
kΩ
RVMD
Resistance between VM Pin and VDD Pin
VDD = 1.8V, VM = 0V
150
300
500
kΩ
RVMS
Resistance between VM pin and VSS Pin
VDD = 3.5V, VM = 1.0V
10
30
50
kΩ
V0CHA
0V Battery Charge Starting Charger Voltage
0V Battery Charging “Available”
1.2
—
—
V
V0INH
0V Battery Charge Inhibition Battery Voltage
0V Battery Charging “Unavailable”
—
—
0.45
V
VOVCHG
Overvoltage Charger Detection Voltage
VDD = 3.5V
6.0
8.0
10.0
V
VOVCHGR
Overvoltage Charger Release Voltage
VDD = 3.5V
5.3
7.3
9.3
V
tCU
Overcharge Detection Delay Time
—
tCU×0.8
tCU
tCU×1.2
ms
tDL
Overdischarge Detection Delay Time
—
tDL×0.7
tDL
tDL×1.3
ms
tDOC
Discharge Overcurrent Detection Delay
Time
—
tDOC×0.8
tDOC
tDOC×1.2
ms
tSHORT
Load Short-Circuiting Detection Delay Time
—
tSHORT×0.8
tSHORT
tSHORT×1.2
µs
tCOC
Charge Overcurrent Detection Delay Time
—
tCOC×0.8
tCOC
tCOC×1.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com