Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9101C Datasheet HTML 1Page - Diodes Incorporated AP9101C Datasheet HTML 2Page - Diodes Incorporated AP9101C Datasheet HTML 3Page - Diodes Incorporated AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
4 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VDS
Supply Voltage (between VDD and VSS)
-0.3 to 12
V
VDM
Charger Input Voltage (between VDD and VM)
-0.3 to 30
V
VCO
CO Pin Output Voltage
VM-0.3 to VDD+0.3
V
VDO
DO Pin Output Voltage
VSS-0.3 to VDD+0.3
V
TOPR
Operating Temperature Range
-40 to +85
°C
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+300
°C
PD
Power Dissipation (+25°C)
250
mW
—
ESD (Machine Model)
200
V
—
ESD (Human Body Model)
2,000
V
Note:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other condit
ions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDS
Supply Voltage (between VDD and VSS)
1.5
5.5
V
VDM
Charger Input Voltage (between VDD and VM)
-0.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com