Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP9101C Datasheet HTML 10Page - Diodes Incorporated AP9101C Datasheet HTML 11Page - Diodes Incorporated AP9101C Datasheet HTML 12Page - Diodes Incorporated AP9101C Datasheet HTML 13Page - Diodes Incorporated AP9101C Datasheet HTML 14Page - Diodes Incorporated AP9101C Datasheet HTML 15Page - Diodes Incorporated AP9101C Datasheet HTML 16Page - Diodes Incorporated AP9101C Datasheet HTML 17Page - Diodes Incorporated AP9101C Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
16 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT25
SOT25
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
-
-
0.95
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
N
0.70
0.80
0.75

0°
8°
-
All Dimensions in mm
SOT26
SOT26
Dim
Min
Max
Typ
A1
0.013
0.10
0.05
A2
1.00
1.30
1.10
A3
0.70
0.80
0.75
b
0.35
0.50
0.38
c
0.10
0.20
0.15
D
2.90
3.10
3.00
e
-
-
0.95
e1
-
-
1.90
E
2.70
3.00
2.80
E1
1.50
1.70
1.60
L
0.35
0.55
0.40
a
-
-
8°
a1
-
-
7°
All Dimensions in mm
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com