Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP9101C Datasheet HTML 9Page - Diodes Incorporated AP9101C Datasheet HTML 10Page - Diodes Incorporated AP9101C Datasheet HTML 11Page - Diodes Incorporated AP9101C Datasheet HTML 12Page - Diodes Incorporated AP9101C Datasheet HTML 13Page - Diodes Incorporated AP9101C Datasheet HTML 14Page - Diodes Incorporated AP9101C Datasheet HTML 15Page - Diodes Incorporated AP9101C Datasheet HTML 16Page - Diodes Incorporated AP9101C Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
13 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Ordering Information (Continued)
Delay Time Option Overview
Delay Time
Option
Overcharge
Detection
DelayTime (tCU)
Overdischarge
Detection
Delay Time (tDL)
Overdischarge
Current Detection
Delay Time (tDOC)
Overcharge
Current Detection
Delay Time (tCOC)
Load Short
Circuiting Detection
Delay Time (tSHORT)
1
1,000ms
115ms
10ms
10ms
320µs
2
125ms
32ms
8ms
8ms
160µs
3
1,000ms
20ms
12ms
10ms
320µs
4
1,000ms
42ms
10ms
10ms
320µs
5
1,000ms
115ms
10ms
10ms
160µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com