Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP9101C Datasheet HTML 1Page - Diodes Incorporated AP9101C Datasheet HTML 2Page - Diodes Incorporated AP9101C Datasheet HTML 3Page - Diodes Incorporated AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
2 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Typical Applications Circuit (Note 4)
AP9101C
VDD
VSS
DO
CO
VM
Battery
R1
330Ω to 470Ω
C1
100nF
Q1
Q2
R2
2.7KΩ
P+
P-
2(5)
3(6)
1(2)
4(1)
5(3)
A(B)
A for SOT25
B for SOT26
Note: 4. R1 and C1 are used to stabilize the supply voltage of the AP9101C. The recommended range of R1 value is
330Ω to 470Ω and C1 value is 10nF to 1000nF,
typical value is 100nF. R2 should be connected between P- to VM sense terminal to monitor the status of charger and the charge/discharge current. The R2
should be between 300
Ω and 4kΩ, typical value is 2.7kΩ. R1 and R2 are also used as current limit resistors if the battery or charger is connected reversely.
Polarity reversing may cause the power consumption of R1 and R2 to go over their power dissipation rating, therefore R1 and R2 values should be selected
appropriately for the actual application. If R2 is more than 4k
Ω resistor, CO may not cut off Q2 due to the voltage drop on R2.
For power down mode, when first connecting AP9101C system board to the battery, it is necessary to use charger or to short P- to the battery negative polarity.
Once the AP9101C is activated, the charger or connection can be removed, otherwise the battery cannot discharge current through system board.
The values selected should follow the recommended typical range mentioned above.
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
SOT26
1
2
VM
Charger Negative Input Pin
2
5
VDD
Positive Power Input Pin
3
6
VSS
Negative Power Input Pin
4
1
DO
FET Gate Control Pin for Discharge
5
3
CO
FET Gate Control Pin for charge
—
4
NC
No Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com