Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP9101C Datasheet HTML 2Page - Diodes Incorporated AP9101C Datasheet HTML 3Page - Diodes Incorporated AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated AP9101C Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
6 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Electrical Characteristics (Continued)
(TA = -40°C to +85°C, VDD = 3.5V, VSS = 0V, R1 = 330Ω, R2 = 2.7kΩ, C1 = 100nF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCU
Overcharge Detection Voltage
—
VCU-0.060
VCU
VCU+0.040
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL-0.080
VCL
VCL+0.065
V
VCL = VCU
VCL-0.060
VCL
VCL+0.040
V
VDL
Overdischarge Detection Voltage
—
VDL-0.110
VDL
VDL+0.130
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU-0.150
VDU
VDU+0.190
V
VDU = VDL
VDU-0.110
VDU
VDU+0.130
V
VDOC
Discharge Overcurrent Detection Voltage
—
VDOC-0.021
VDOC
VDOC+0.024
V
VSHORT
Load Short-Circuiting Detection Voltage
—
VSHORT-0.34
VSHORT VSHORT+0.34
V
VCOC
Charge Overcurrent Detection Voltage
—
VCOC-0.040
VCOC
VCOC+0.040
V
ICC
Current Consumption during Operation
VDD = 3.5V, VM = 0V
1.0
3.0
7.0
µA
ISTB
Current Consumption at Power-Down
VDD =
1.8V, VM
Pin
Floating
Power-Down Mode
—
—
1.0
µA
Without Power-Down
Mode (Auto-Wake-up)
—
—
8
RCOH
CO Pin Resistance “H”
VDD = 3.5V, VCO = 3.0V, VM = 0V
1.2
6
15
k
Ω
RCOL
CO Pin Resistance “L”
VDD = 4.5V, VCO = 0.5V, VM = 0V
1.2
4
15
kΩ
RDOH
DO Pin Resistance “H”
VDD = 3.5V, VDO = 3.0V, VM = 0V
1.2
5
15
kΩ
RDOL
DO Pin Resistance “L”
VDD = 1.8V, VDO = 0.5V, VM = 0V
1.2
5
15
kΩ
RVMD
Resistance between VM Pin and VDD Pin
VDD = 1.8V, VM = 0V
100
300
650
kΩ
RVMS
Resistance between VM Pin and VSS Pin
VDD = 3.5V, VM = 1.0V
5
30
65
kΩ
V0CHA
0V Battery Charge Starting Charger Voltage
0V Battery Charging “Available”
1.2
—
—
V
V0INH
0V Battery Charge Inhibition Battery Voltage
0V Battery Charging “Unavailable”
—
—
0.3
V
VOVCHG
Overvoltage Charger Detection Voltage
VDD = 3.5V
5.5
8.0
10.5
V
VOVCHGR
Overvoltage Charger Release Voltage
VDD = 3.5V
5.0
7.3
9.5
V
tCU
Overcharge Detection Delay Time
—
tCU×0.6
tCU
tCU×1.4
ms
tDL
Overdischarge Detection Delay Time
—
tDL×0.55
tDL
tDL×1.45
ms
tDOC
Discharge Overcurrent Detection Delay Time
—
tDOC×0.6
tDOC
tDOC×1.4
ms
tSHORT
Load Short-Circuiting Detection Delay Time
—
tSHORT×0.6
tSHORT
tSHORT×1.4
µs
tCOC
Charge Overcurrent Detection Delay Time
—
tCOC×0.6
tCOC
tCOC×1.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com