Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9101C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 1 Page - Diodes Incorporated

  AP9101C Datasheet HTML 1Page - Diodes Incorporated AP9101C Datasheet HTML 2Page - Diodes Incorporated AP9101C Datasheet HTML 3Page - Diodes Incorporated AP9101C Datasheet HTML 4Page - Diodes Incorporated AP9101C Datasheet HTML 5Page - Diodes Incorporated AP9101C Datasheet HTML 6Page - Diodes Incorporated AP9101C Datasheet HTML 7Page - Diodes Incorporated AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
1 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
SINGLE CHIP SOLUTION FOR 1-CELL Li+ BATTERY PACK
Description
The AP9101C is a protection IC developed for lithium-ion/lithium
polymer rechargeable battery with a high-precision voltage, detection
circuit.
The AP9101C provides a function to protect batteries by detecting
overcharge voltage, overdischarge voltage, overcharge current,
overdischarge current and other abnormalities and turning off the
external MOSFET switch.
The AP9101C also has a built-in fixed time circuit (external capacitors
are unnecessary); the protection circuitry can be comprised with fewer
external components.
The AP9101C is available in standard packages of SOT25 and
SOT26.
Applications
Lithium-Ion Battery Packs
Lithium Polymer Battery Packs
Features
Low Current Consumption (+25°C)
Operation Mode: 3.0µA (Typ) VDD = 3.5V
Power-Down Mode: 0.01µA (Typ)
High-Accuracy Voltage Detection Circuit (+25°C)
Overcharge Detection Voltage: 3.5V to 4.5V (5mV
Steps) Accuracy ±25mV
Overcharge Hysteresis Voltage Range: 0.1V to 0.4V
(50mV Steps) Accuracy ±50mV
Overdischarge Detection Voltage: 2.0V to 3.4V (10mV
Steps) Accuracy ±35mV
Overdischarge Hysteresis Voltage Range: 0V to 0.7V
(40mV Steps) Accuracy ±65mV
Discharge Overcurrent Detection Voltage: 0.05V to
0.32V (10mV Steps) Accuracy ±15mV
Short Current Detection Voltage: 0.45V to 0.7V (50mV
Steps) Accuracy ±100mV
Charge Overcurrent Detection Voltage: -0.2V to -0.05V
(10mV Steps) Accuracy ±15mV
Overcharger Detection Voltage: 8.0V (Fixed) Accuracy
±2V
Overcharger Release Voltage: 7.3V (Fixed) Accuracy
±2V
Built-In Fixed Detection Delay Time (+25°C): Accuracy ±20%
Power-Down Mode can be Selectable: Available/Unavailable
0V
Battery
Charge
Function
can
be
Selectable:
Available/Unavailable
Overcharge Protection Mode can be Selectable: Release/Latch
High-Voltage CMOS Process: Up to 30V between VDD and VM
Pins
Totally Lead-free & Fully RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporate
d’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
VM
VDD
VSS
DO
CO
1
2
3
4
5
Pin 1 Mark
6
NC
SOT25
SOT26
(Top View)
(Top View)
1
2
3
4
5
VM
VDD
VSS
DO
CO
Pin 1 Mark


Similar Part No. - AP9101C

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9120AGH-HF A-POWER-AP9120AGH-HF Datasheet
67Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9120AGH-HF A-POWER-AP9120AGH-HF_14 Datasheet
67Kb / 4P
Simple Drive Requirement
AP9120GH-HF A-POWER-AP9120GH-HF Datasheet
68Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9120GH-HF A-POWER-AP9120GH-HF Datasheet
68Kb / 5P
Fast Switching Characteristic
AP9120GH-HF A-POWER-AP9120GH-HF_14 Datasheet
68Kb / 4P
Lower On-resistance
More results

Similar Description - AP9101C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Diodes Incorporated
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 1
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
Rev 1
logo
Texas Instruments
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Diodes Incorporated
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com