Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 2Page - Silicon Laboratories EM3591-RTR Datasheet HTML 3Page - Silicon Laboratories EM3591-RTR Datasheet HTML 4Page - Silicon Laboratories EM3591-RTR Datasheet HTML 5Page - Silicon Laboratories EM3591-RTR Datasheet HTML 6Page - Silicon Laboratories EM3591-RTR Datasheet HTML 7Page - Silicon Laboratories EM3591-RTR Datasheet HTML 8Page - Silicon Laboratories EM3591-RTR Datasheet HTML 9Page - Silicon Laboratories EM3591-RTR Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
EM359x
6
Rev 1.0
1.2. Conventions
Abbreviations and acronyms used in this data sheet are explained in Table 1.1
Table 1.1. Acronyms and Abbreviations
Acronym/Abbreviation
Meaning
ACK
Acknowledgement
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
AHB
Advanced High Speed Bus
APB
Advanced Peripheral Bus
CBC-MAC
Cipher Block Chaining—Message Authentication Code
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC Mode for AES encryption
CCM*
Improved Counter with CBC-MAC Mode for AES encryption
CIB
Customer Information Block
CLK1K
1 kHz Clock
CLK32K
32.768 kHz Crystal Clock
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CSMA-CA
Carrier Sense Multiple Access-Collision Avoidance
CTR
Counter Mode
CTS
Clear to Send
DNL
Differential Non-Linearity
DMA
Direct Memory Access
DWT
Data Watchpoint and Trace
EEPROM
Electrically Erasable Programmable Read Only Memory
EM
Event Manager
ENOB
effective number of bits
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETR
External Trigger Input
FCLK
ARM® CortexTM-M3 CPU Clock
FIB
Fixed Information Block
FIFO
First-in, First-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com