Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 16 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 12Page - Silicon Laboratories EM3591-RTR Datasheet HTML 13Page - Silicon Laboratories EM3591-RTR Datasheet HTML 14Page - Silicon Laboratories EM3591-RTR Datasheet HTML 15Page - Silicon Laboratories EM3591-RTR Datasheet HTML 16Page - Silicon Laboratories EM3591-RTR Datasheet HTML 17Page - Silicon Laboratories EM3591-RTR Datasheet HTML 18Page - Silicon Laboratories EM3591-RTR Datasheet HTML 19Page - Silicon Laboratories EM3591-RTR Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
EM359x
16
Rev 1.0
Boost mode total RX current ( =
IRadio receiver, MAC and base-
band, CPU+ IRAM, and flash
memory )
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 12 MHz
—
27.5
—
mA
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 24 MHz
—
29.5
—
mA
TX Current
Radio transmitter, MAC, and base-
band
25 °C and 1.8 V core; max. power out
(+3 dBm typical)
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz
—
27.5
—
mA
Total TX current ( = IRadio transmit-
ter, MAC and baseband, CPU +
IRAM, and flash memory)
25 °C, VDD_PADS=3.0 V
Maximum power setting (+8 dBm);
ARM® CortexTM-M3 running at 12 MHz
—
44
—
mA
25 °C, VDD_PADS=3.0 V
+3 dBm power setting
ARM® CortexTM-M3 running at 12 MHz
—
29.5
—
mA
25 °C, VDD_PADS=3.0 V
0 dBm power setting
ARM® CortexTM-M3 running at 12 MHz
—
29
—
mA
25 °C, VDD_PADS=3.0 V
Minimum power setting
ARM® CortexTM-M3 running at 12 MHz
—
24
—
mA
25 °C, VDD_PADS=3.0 V
Maximum power setting (+8 dBm)
ARM® CortexTM-M3 running at 24 MHz
—
41
—
mA
25 °C, VDD_PADS=3.0 V
+3 dBm power setting
ARM® CortexTM-M3 running at 24 MHz
—
31.5
—
mA
25 °C, VDD_PADS=3.0 V
0 dBm power setting
ARM® CortexTM-M3 running at 24 MHz
—
29
—
mA
25 °C, VDD_PADS=3.0 V
Minimum power setting
ARM® CortexTM-M3 running at 24 MHz
—
23.5
—
mA
Table 3.4. DC Characteristics (Continued)
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com