Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 15 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 11Page - Silicon Laboratories EM3591-RTR Datasheet HTML 12Page - Silicon Laboratories EM3591-RTR Datasheet HTML 13Page - Silicon Laboratories EM3591-RTR Datasheet HTML 14Page - Silicon Laboratories EM3591-RTR Datasheet HTML 15Page - Silicon Laboratories EM3591-RTR Datasheet HTML 16Page - Silicon Laboratories EM3591-RTR Datasheet HTML 17Page - Silicon Laboratories EM3591-RTR Datasheet HTML 18Page - Silicon Laboratories EM3591-RTR Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
EM359x
Rev 1.0
15
Reset Current
Quiescent current, nRESET
asserted
Typ at 25 °C/3.0 V
Max at 85 °C/3.6 V
—
2
3
mA
Processor and Peripheral Currents
ARM® CortexTM-M3, RAM, and
flash memory
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 running at 12 MHz
from crystal oscillator
Radio and all peripherals off
—
7.5
—
mA
ARM® CortexTM-M3, RAM, and
flash memory
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 running at 24 MHz
from crystal oscillator
Radio and all peripherals off
—
8.5
—
mA
ARM® CortexTM-M3, RAM, and
flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz from the crystal
oscillator
Radio and all peripherals off
—
4.0
—
mA
ARM® CortexTM-M3, RAM, and
flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 6 MHz from the high fre-
quency RC oscillator
Radio and all peripherals off
—
2.5
—
mA
Serial controller current
For each controller at maximum data
rate
—
0.2
—
mA
General purpose timer current
For each timer at maximum clock rate
—
0.25
—
mA
General purpose ADC current
At maximum sample rate, DMA enabled
—
1.1
—
mA
USB active current
1
mA
USB suspended mode current
1.8 V memory and 1.25 V core
ARM® CortexTM-M3 sleeping, CPU
clock set to 3 MHz from the high fre-
quency RC oscillator.
Radio and all peripherals off
2.5
mA
RX Current
Radio receiver, MAC, and base-
band
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz
—
23.5
—
mA
Total RX current ( = IRadio receiver,
MAC and baseband, CPU + IRAM,
and Flash memory )
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 12 MHz
—
25.5
—
mA
25 °C, VDD_PADS=3.0 V
ARM® CortexTM-M3 running at 24 MHz
—
27.0
—
mA
Table 3.4. DC Characteristics (Continued)
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com