Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 12 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 8Page - Silicon Laboratories EM3591-RTR Datasheet HTML 9Page - Silicon Laboratories EM3591-RTR Datasheet HTML 10Page - Silicon Laboratories EM3591-RTR Datasheet HTML 11Page - Silicon Laboratories EM3591-RTR Datasheet HTML 12Page - Silicon Laboratories EM3591-RTR Datasheet HTML 13Page - Silicon Laboratories EM3591-RTR Datasheet HTML 14Page - Silicon Laboratories EM3591-RTR Datasheet HTML 15Page - Silicon Laboratories EM3591-RTR Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
EM359x
12
Rev 1.0
27
1
U2
EM359x, ZIGBEE/802.15.4 RF
TRANSCEIVER, ARM CORTEX-M3, 32 or 64 kB
RAM, 256 or 512 kB FLASH, 56-QFN
EM3591-RTR/EM3592-RTR/
EM3595-RTR/EM3596-RTR/
EM3597-RTR/EM3598-RTR
28
1
U3
IC - PROGRAMMABLE MEMORY - BLANK,
SERIAL FLASH, 8M (256K X 32), 2.7 V - 3.6 V, -
40 to 85 ºC, 8-SOIC (0.154", 3.90MM WIDTH)
WinBond W25Q80BVSNIG
29
1
Y1
CRYSTAL, 32.768 kHz, ±20 ppm INITIAL TOL-
ERANCE AT +25ºC, 12.5 pF
Abracon ABS07-32.768KHZ-T
30
1
Y2
OSCILLATOR, CRYSTAL, 24.000 MHz, 18 pF
LOAD, ±10 PPM TOLERANCE, ±25 PPM STA-
BILITY, -40 TO 85 ºC, AT49
Abracon ABLS-24.000MHZ-
D1X-T
ILSI HC49USM-24.000000M-
2435
AEL X24M000000S067
Table 2.1. Bill of Materials for Figure 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com