Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 30 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 26Page - Silicon Laboratories EM3591-RTR Datasheet HTML 27Page - Silicon Laboratories EM3591-RTR Datasheet HTML 28Page - Silicon Laboratories EM3591-RTR Datasheet HTML 29Page - Silicon Laboratories EM3591-RTR Datasheet HTML 30Page - Silicon Laboratories EM3591-RTR Datasheet HTML 31Page - Silicon Laboratories EM3591-RTR Datasheet HTML 32Page - Silicon Laboratories EM3591-RTR Datasheet HTML 33Page - Silicon Laboratories EM3591-RTR Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
EM359x
30
Rev 1.0
4.3.2. Transmit (Tx) Path
The EM359x Tx path produces an O-QPSK-modulated signal using the analog front end and digital baseband. The
area- and power-efficient Tx architecture uses a two-point modulation scheme to modulate the RF signal
generated by the synthesizer. The modulated RF signal is fed to the integrated PA and then out of the EM359x.
4.3.3. Integrated MAC Module
The EM359x integrates most of the IEEE 802.15.4-2003 MAC requirements in hardware. This allows the ARM®
CortexTM-M3 CPU to provide greater bandwidth to application and network operations. In addition, the hardware
acts as a first-line filter for unwanted packets. The EM359x MAC uses a DMA interface to RAM to further reduce
the overall ARM® CortexTM-M3 CPU interaction when transmitting or receiving packets.
The primary features of the MAC are:

CRC generation, appending, and checking

Hardware timers and interrupts to achieve the MAC symbol timing

Automatic preamble and SFD pre-pending on Tx packets

Address recognition and packet filtering on Rx packets

Automatic acknowledgement transmission

Automatic transmission of packets from memory

Automatic transmission after backoff time if channel is clear (CCA)

Automatic acknowledgement checking

Time stamping received and transmitted messages

Attaching packet information to received packets (LQI, RSSI, gain, time stamp, and packet status)

EEE 802.15.4-2003 timing and slotted/unslotted timing
4.3.4. Packet Trace Interface (PTI)
The EM359x integrates a true PHY-level PTI with the MAC, allowing complete, non-intrusive capture of all packets
to and from the EM359x with Ember development tools.
4.3.5. Random Number Generator
Thermal noise in the analog circuitry is digitized to provide entropy for a true random number generator (TRNG).
Ember software uses the TRNG to seed a pseudo random number generator (PRNG). The TRNG is also used
directly for cryptographic key generation.
4.4. System Modules
System modules encompass power domains, resets, clocks, system timers, power management, and encryption.
Refer to chapter 5 in the Ember EM359x Reference Manual for more information.
4.4.1. Power domains
The EM359x contains three power domains:

An “always-on domain” containing all logic and analog cells required to manage the EM359x’s power
modes, including the GPIO controller and sleep timer. This domain must remain powered.

A “core domain” containing the CPU, Nested Vectored Interrupt Controller (NVIC), and peripherals. To
save power, this domain can be powered down using a mode called deep sleep. In the EM359x the core
domain also includes the RAM, which by default is powered down in deep sleep. An additional feature of
the RAM is that blocks of RAM cells can optionally be retained in deep sleep. This is configured using a
register, which must be written before entering deep sleep.

A “flash domain” containing the flash memory. This domain is managed by the power management
controller. During deep sleep the flash portion is completely powered down.
The preferred and recommended power configuration is to use the internal regulated power supplies to provide
power to the core and memory domains. Optionally, the on-chip regulators may be left unused, and the core and
memory domains may instead be powered from external supplies.
Refer to chapter 6 in the Ember EM359x Reference Manual for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com