Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 27 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 23Page - Silicon Laboratories EM3591-RTR Datasheet HTML 24Page - Silicon Laboratories EM3591-RTR Datasheet HTML 25Page - Silicon Laboratories EM3591-RTR Datasheet HTML 26Page - Silicon Laboratories EM3591-RTR Datasheet HTML 27Page - Silicon Laboratories EM3591-RTR Datasheet HTML 28Page - Silicon Laboratories EM3591-RTR Datasheet HTML 29Page - Silicon Laboratories EM3591-RTR Datasheet HTML 30Page - Silicon Laboratories EM3591-RTR Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
EM359x
Rev 1.0
27
4. EM359x System Overview
Figure 4.1 shows a detailed block diagram of the EM359x.
Figure 4.1. EM359x Block Diagram
The EM359x radio receiver is a low-IF, super-heterodyne receiver. The architecture has been chosen to optimize
co-existence with other devices in the 2.4 GHz band (namely Wi-Fi and Bluetooth), and to minimize power
consumption. The receiver uses differential signal paths to reduce sensitivity to noise interference. Following RF
amplification, the signal is downconverted by an image-rejecting mixer, filtered, and then digitized by an ADC.
The digital section of the receiver uses a coherent demodulator to generate symbols for the hardware-based MAC.
The digital receiver also contains the analog radio calibration routines, and controls the gain within the receiver
path.
The radio transmitter uses an efficient architecture in which the data stream directly modulates the VCO frequency.
An integrated PA provides the output power. Digital logic controls Tx path and output power calibration. If the
EM359x is to be used with an external PA, use the TX_ACTIVE or nTX_ACTIVE signal to control the timing of the
external switching logic.
The integrated 4.8 GHz VCO and loop filter minimize off-chip circuitry. Only a 24 MHz crystal with its loading
capacitors is required to establish the PLL local oscillator signal.
The MAC interfaces the on-chip RAM to the Rx and Tx baseband modules. The MAC provides hardware-based
IEEE 802.15.4-2003 packet-level filtering. It supplies an accurate symbol time base that minimizes the
synchronization effort of the Ember software and meets the protocol timing requirements. In addition, it provides
timer and synchronization assistance for the IEEE 802.15.4-2003 CSMA-CA algorithm.
The EM359x integrates hardware support for a packet trace module, which allows robust packet-based debug.
This element is a critical component of Ember Desktop, the Ember development environment, and provides
advanced network debug capability when used with the Ember Debug Adapter (ISA3).
ADC
RF_P,N
Program Flash
256/512 kB
Data
RAM
32/64 kB
HF crystal 
OSC
LF crystal 
OSC
General
Purpose
ADC
Serial Wire
and JTAG
debug
Internal LF
RC-OSC
GPIO multiplexor switch
Chip
manager
1.8V 
Regulator
Bias
2nd level
Interrupt
controller
RF_TX_ALT_P,N
OSCA
OSCB
PA[7:0], PB[7:0], PC[7:0], PD[4:1], PE[3:0]
Encryption 
acclerator
IF
Always
Powered
Domain
ARM® CortexTM-M3
CPU with NVIC
and MPU
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
Sleep
timer
POR
nRESET
General 
purpose 
timers
GPIO
registers
UART/SPI/
TWI
SYNTH
Internal HF
RC-OSC
TX_ACTIVE
Calibration
ADC
Packet Trace
CPU debug TPIU/
ITM/FPB/DWT/
ETM
1.25V 
Regulator
VDD_CORE
USB
Device
SWCLK, JTCK 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com