Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3591-RTR Datasheet(PDF) 26 Page - Silicon Laboratories

Part # EM3591-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591-RTR Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button EM3591-RTR Datasheet HTML 22Page - Silicon Laboratories EM3591-RTR Datasheet HTML 23Page - Silicon Laboratories EM3591-RTR Datasheet HTML 24Page - Silicon Laboratories EM3591-RTR Datasheet HTML 25Page - Silicon Laboratories EM3591-RTR Datasheet HTML 26Page - Silicon Laboratories EM3591-RTR Datasheet HTML 27Page - Silicon Laboratories EM3591-RTR Datasheet HTML 28Page - Silicon Laboratories EM3591-RTR Datasheet HTML 29Page - Silicon Laboratories EM3591-RTR Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
EM359x
26
Rev 1.0
3.7.3. Synthesizer
Table 3.10 lists the key parameters of the integrated synthesizer on the EM359x.
Table 3.10. Synthesizer Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
Frequency range
2400
—
2500
MHz
Frequency resolution
—
11.7
—
kHz
Lock time
From off
—
—
100
μs
Relock time
Channel change or RX/TX turnaround
(IEEE 802.15.4-2003 defines 192 μs
turnaround time)
—
—
100
μs
Phase noise at 100 kHz offset
—
–75
—
dBc/Hz
Phase noise at 1 MHz offset
—
–100
—
dBc/Hz
Phase noise at 4 MHz offset
—
–108
—
dBc/Hz
Phase noise at 10 MHz offset
—
–114
—
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com