Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 46 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 46 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 42Page - Silicon Laboratories EM3592-RTR Datasheet HTML 43Page - Silicon Laboratories EM3592-RTR Datasheet HTML 44Page - Silicon Laboratories EM3592-RTR Datasheet HTML 45Page - Silicon Laboratories EM3592-RTR Datasheet HTML 46Page - Silicon Laboratories EM3592-RTR Datasheet HTML 47Page - Silicon Laboratories EM3592-RTR Datasheet HTML 48Page - Silicon Laboratories EM3592-RTR Datasheet HTML 49Page - Silicon Laboratories EM3592-RTR Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
EM359x
46
Rev 1.0
33
PE0
I/O
Digital I/O
SC4MOSI
O
SPI master data out of Serial Controller 4
Enable master with SC4_SPICFG[4]
Select SPI with SC4_MODE
Select alternate output function with GPIO_PECFGL[3:0]
SC4MOSI
I
SPI slave data in of Serial Controller 4
Enable slave with SC4_SPICFG[4]
Select SPI with SC4_MODE
34
PE1
I/O
Digital I/O
SC4SDA
I/O
TWI data of Serial Controller 4
Select TWI with SC4_MODE
Select alternate open-drain output function with GPIO_PECFGL[7:4]
SC4MISO
O
SPI slave data out of Serial Controller 4
Enable slave with SC4_SPICFG[4]
Select SPI with SC4_MODE
Select alternate output function with GPIO_PECFGL[7:4]
SC4MISO
I
SPI master data in of Serial Controller 4
Enable slave with SC4_SPICFG[4]
Select SPI with SC4_MODE
35
VDD_PADS
Power
Pads supply (2.1–3.6 V)
36
PA6
I/O
High cur-
rent
Digital I/O
TIM1C3
O
Timer 1 channel 3 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIO_PACFGH[11:8]
TIM1C3
I
Timer 1 channel 3 input
Cannot be remapped
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com