Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 24 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 20Page - Silicon Laboratories EM3592-RTR Datasheet HTML 21Page - Silicon Laboratories EM3592-RTR Datasheet HTML 22Page - Silicon Laboratories EM3592-RTR Datasheet HTML 23Page - Silicon Laboratories EM3592-RTR Datasheet HTML 24Page - Silicon Laboratories EM3592-RTR Datasheet HTML 25Page - Silicon Laboratories EM3592-RTR Datasheet HTML 26Page - Silicon Laboratories EM3592-RTR Datasheet HTML 27Page - Silicon Laboratories EM3592-RTR Datasheet HTML 28Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
EM359x
24
Rev 1.0
3.7.2. Transmit
Table 3.9 lists the key parameters of the integrated IEEE 802.15.4-2003 transmitter on the EM359x.
Transmit measurements were collected with the Silicon Labs EM359x Ceramic Balun Reference Design (Version
A0) at 2440 MHz. The Typical number indicates one standard deviation below the mean, measured at room
temperature (25
C). The Min and Max numbers were measured over process corners at room temperature. In
terms of impedance, this reference design presents a 3.9-nH inductor in parallel with a 100:50 Ω balun to the RF
pins.
Table 3.9. Transmit Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
Maximum output power
(boost mode)
At highest boost mode power setting (+8)
—
8
—
dBm
Maximum output power
At highest normal mode power setting (+3)
1
5
—
dBm
Minimum output power
At lowest power setting
—
–55
—
dBm
Error vector magnitude
(Offset-EVM)
As defined by IEEE 802.15.4-2003,
which sets a 35% maximum
—
5
15
%
Carrier frequency error
–40
—
+40
ppm
PSD mask relative
3.5 MHz away
–20
—
—
dB
PSD mask absolute
3.5 MHz away
–30
—
—
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com